Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25L040M-UFQ Datasheet(PDF) 8 Page - AMIC Technology

Part # A25L040M-UFQ
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L040M-UFQ Datasheet(HTML) 8 Page - AMIC Technology

Back Button A25L040M-UFQ Datasheet HTML 4Page - AMIC Technology A25L040M-UFQ Datasheet HTML 5Page - AMIC Technology A25L040M-UFQ Datasheet HTML 6Page - AMIC Technology A25L040M-UFQ Datasheet HTML 7Page - AMIC Technology A25L040M-UFQ Datasheet HTML 8Page - AMIC Technology A25L040M-UFQ Datasheet HTML 9Page - AMIC Technology A25L040M-UFQ Datasheet HTML 10Page - AMIC Technology A25L040M-UFQ Datasheet HTML 11Page - AMIC Technology A25L040M-UFQ Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
A25L016 Series
(March, 2012, Version 2.0)
7
AMIC Technology Corp.
Hold Condition
The Hold (
HOLD ) signal is used to pause any serial
communications with the device without resetting the clocking
sequence. However, taking this signal Low does not
terminate any Write Status Register, Program or Erase cycle
that is currently in progress.
To enter the Hold condition, the device must be selected, with
Chip Select (
S ) Low.
The Hold condition starts on the falling edge of the Hold
(
HOLD ) signal, provided that this coincides with Serial Clock
(C) being Low (as shown in Figure 3.).
The Hold condition ends on the rising edge of the Hold
(
HOLD ) signal, provided that this coincides with Serial Clock
(C) being Low.
If the falling edge does not coincide with Serial Clock (C)
being Low, the Hold condition starts after Serial Clock (C)
next goes Low. Similarly, if the rising edge does not coincide
with Serial Clock (C) being Low, the Hold condition ends after
Serial Clock (C) next goes Low. This is shown in Figure 3.
During the Hold condition, the Serial Data Output (DO) is high
impedance, and Serial Data Input (DIO) and Serial Clock (C)
are Don’t Care.
Normally, the device is kept selected, with Chip Select (
S )
driven Low, for the whole duration of the Hold condition. This
is to ensure that the state of the internal logic remains
unchanged from the moment of entering the Hold condition.
If Chip Select (
S ) goes High while the device is in the Hold
condition, this has the effect of resetting the internal logic of
the device. To restart communication with the device, it is
necessary to drive Hold (
HOLD ) High, and then to drive
Chip Select (
S ) Low. This prevents the device from going
back to the Hold condition.
Figure 3. Hold Condition Activation
Hold
Condition
(standard use)
HOLD
C
Hold
Condition
(non-standard use)


Similar Part No. - A25L040M-UFQ

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L040 AMICC-A25L040 Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L040-F AMICC-A25L040-F Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L040-M AMICC-A25L040-M Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L040-MF AMICC-A25L040-MF Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L040-MU AMICC-A25L040-MU Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
More results

Similar Description - A25L040M-UFQ

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L016 AMICC-A25L016 Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L020C AMICC-A25L020C Datasheet
637Kb / 44P
   2Mbit 3V Serial Flash Memory with 100MHz Uniform 4KB Sectors
A25L016 AMICC-A25L016_15 Datasheet
681Kb / 43P
   16Mbit Low Voltage, Serial Flash Memory
logo
Winbond
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X64V WINBOND-W25X64V Datasheet
1Mb / 44P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
SPANSION
S25FL208K SPANSION-S25FL208K Datasheet
1Mb / 37P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL216K SPANSION-S25FL216K Datasheet
1Mb / 37P
   16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL204K SPANSION-S25FL204K Datasheet
1Mb / 37P
   4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com