Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL560328BTI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL560328BTI-TRG
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL560328BTI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL560328BTI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL560328BTI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL560328BTI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL560328BTI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL560328BTI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL560328BTI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL560328BTI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL560328BTI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL560328BTI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2011
www.anpec.com.tw
8
APL5603
PIN NAME
FUNCTION
VIN
Input Supply Pin. Supply voltage can range from 2.9V to 6V. Bypass with a 1µF capacitor to GND.
VOUT
Regulator Output. Sources up to 600mA. A small capacitor (2.2
µF, typical) is needed from this pin to
ground to assure stability.
EN
Shutdown Control Input. Driving the EN high turns on the regulator. Driving the EN pin low puts the
regulator into shutdown mode. The EN pin is pulled low by an internal resistor.
GND
Ground.
Block Diagram
Pin Description
Typical Application Circuit
VIN
EN
GND
VOUT
APL5603
C2
2.2
µF
C1
1
µF
V
IN
V
OUT
V
EN
Enable
Shutdown
UVLO and
Soft-Start
Thermal
Shutdown
VIN
GND
Current-Limit
V
REF
=0.8V
Short-Circuit
Current-Limit
VOUT
EN


Similar Part No. - APL560328BTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110AH-TRG ANPEC-APL560110AH-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110AI-TRG ANPEC-APL560110AI-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110DH-TRG ANPEC-APL560110DH-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110DI-TRG ANPEC-APL560110DI-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL560328BTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com