Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5610CCI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL5610CCI-TRG
Description  Low Dropout Linear Regulator Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5610CCI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL5610CCI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5610CCI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5610CCI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5610CCI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5610CCI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5610CCI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL5610CCI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL5610CCI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL5610CCI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - May., 2011
APL5610/A/B/C
www.anpec.com.tw
8
PIN
NO.
NAME
FUNCTION
1
EN
Enable control pin. Pulling the EN high (VEN>1.6) enables the VOUT; forcing the EN low (VEN<0.4V)
disables the VOUT. When re-enabled, the IC undergoes a new soft-start process.
2
GND
Ground pin of the circuitry. All voltage levels are measured with respect to this pin.
3
FB
Voltage Feedback Pin. Connecting this pin to an external resistor divider receives the feedback voltage
of the regulator.
4
POK
Power-OK signal output pin. This pin is an open-drain output used to indicate the status of output
voltage by sensing FB voltage. This pin is pulled low when output voltage is not within the Power-OK
voltage window.
5
DRV
This pin drives the gate of an external N-channel MOSFET for linear regulator.
6
VCC
Power input pin of the device. The voltage at this pin is monitored for Power-On-Reset purpose.
Pin Description
Block Diagram
FB
75%V
REF
EN
VCC
DRV
GND
POK
Delay
Enable_EA
PWOK
Internal
Regulator
UVP
Comparator
Control Logic
90%V
REF
0.8V
V
REF
0.8V
Enable
Power-On
Reset
Soft-
Start
Power-OK
Comparator
Error
Amplifier
UV


Similar Part No. - APL5610CCI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5610CI-TRG ANPEC-APL5610CI-TRG Datasheet
271Kb / 17P
   Low Dropout Linear Regulator Controller
More results

Similar Description - APL5610CCI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5611 ANPEC-APL5611 Datasheet
260Kb / 16P
   Low Dropout Linear Regulator Controller
logo
ON Semiconductor
NCP102 ONSEMI-NCP102 Datasheet
106Kb / 9P
   Low Dropout Linear Regulator Controller
January, 2008 - Rev. 1
logo
Anpec Electronics Corop...
APL5610 ANPEC-APL5610 Datasheet
271Kb / 17P
   Low Dropout Linear Regulator Controller
logo
uPI Group Inc.
UP0115P UPI-UP0115P Datasheet
1Mb / 11P
   Controller for Low-Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9046 RICHTEK-RT9046 Datasheet
200Kb / 11P
   Low-Dropout Linear Regulator Controller with PGOOD
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Richtek Technology Corp...
RT9008 RICHTEK-RT9008 Datasheet
118Kb / 9P
   Low Dropout Linear Regulator Controller with Soft-Start
RT9194 RICHTEK-RT9194 Datasheet
222Kb / 10P
   Low-Dropout Linear Regulator Controller with PGOOD Indication
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com