Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL560333BI-TRG Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL560333BI-TRG
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL560333BI-TRG Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL560333BI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL560333BI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL560333BI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL560333BI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL560333BI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL560333BI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL560333BI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL560333BI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration APL560333BI-TRG Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2011
www.anpec.com.tw
11
APL5603
Package Information
SOT-23-5
MAX.
0.057
0.051
0.024
0.006
0.009
0.020
0.012
L
0.30
0
e
e1
E1
E
D
c
b
0.08
0.30
0.60
0.012
0.95 BSC
1.90 BSC
0.22
0.50
0.037 BSC
0.075 BSC
0.003
MIN.
MILLIMETERS
S
Y
M
B
O
L
A1
A2
A
0.00
0.90
SOT-23-5
MAX.
1.45
0.15
1.30
MIN.
0.000
0.035
INCHES
°
8
°
0
°
8
°
0
b
c
e1
L
VIEW A
GAUGE PLANE
SEATING PLANE
e
D
SEE
VIEW A
1.40
2.60
1.80
3.00
2.70
3.10
0.122
0.071
0.118
0.102
0.055
0.106
Note : 1. Follow JEDEC TO-178 AA.
2. Dimension D and E1 do not include mold flash, protrusions or gate
burrs. Mold flash, protrusion or gate burrs shall not exceed 10 mil
per side.


Similar Part No. - APL560333BI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110AH-TRG ANPEC-APL560110AH-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110AI-TRG ANPEC-APL560110AI-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110DH-TRG ANPEC-APL560110DH-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110DI-TRG ANPEC-APL560110DI-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL560333BI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com