Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5610 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5610
Description  Low Dropout Linear Regulator Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5610 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5610_11 Datasheet HTML 1Page - Anpec Electronics Coropration APL5610_11 Datasheet HTML 2Page - Anpec Electronics Coropration APL5610_11 Datasheet HTML 3Page - Anpec Electronics Coropration APL5610_11 Datasheet HTML 4Page - Anpec Electronics Coropration APL5610_11 Datasheet HTML 5Page - Anpec Electronics Coropration APL5610_11 Datasheet HTML 6Page - Anpec Electronics Coropration APL5610_11 Datasheet HTML 7Page - Anpec Electronics Coropration APL5610_11 Datasheet HTML 8Page - Anpec Electronics Coropration APL5610_11 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - May., 2011
APL5610/A/B/C
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Unless otherwise specified, these specifications apply over VCC = 5/12V, TA = -40 to 85
oC. Typical values are at T
A =25
oC.
APL5610/A/B/C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ENABLE
VEN (TH)
EN Logic High Threshold Voltage
VEN rising
-
0.8
-
V
EN Hysteresis
-
50
-
mV
EN Shutdown Debounce
VEN falling
-
2
-
µs
SOFT-START
TSS
Soft-Start Interval
100
200
300
µs
UNDER-VOLTAGE PROTECTION (UVP)
VUV (TH)
Under-Voltage Threshold
VEN =5V, VFB falling
68
75
82
%
UVP Debounce Interval
-
5
-
µs
POWER-OK AND DELAY
VPOK (TH) Rising POK Threshold Voltage
VCC =12V, VFB rising
-
90
-
%
POK Threshold Hysteresis
VCC =12V
-
15
-
%
POK Pull-Low Voltage
VCC =12V, POK sinks 4mA
-
0.2
0.4
V
POK Debounce Interval
VFB<falling POK voltage threshold
-
5
-
µs
POWER-OK AND DELAY (CONT.)
POK Delay Time
From VFB =VTHPOK to rising edge of the VPOK
1
2
4
ms
POK Leakage Current
VPOK =5V
-
-
1.0
µA


Similar Part No. - APL5610_11

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5610A ANPEC-APL5610A Datasheet
271Kb / 17P
   Low Dropout Linear Regulator Controller
APL5610ACI-TRG ANPEC-APL5610ACI-TRG Datasheet
271Kb / 17P
   Low Dropout Linear Regulator Controller
APL5610CI-TRG ANPEC-APL5610CI-TRG Datasheet
271Kb / 17P
   Low Dropout Linear Regulator Controller
More results

Similar Description - APL5610_11

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5611 ANPEC-APL5611 Datasheet
260Kb / 16P
   Low Dropout Linear Regulator Controller
logo
ON Semiconductor
NCP102 ONSEMI-NCP102 Datasheet
106Kb / 9P
   Low Dropout Linear Regulator Controller
January, 2008 - Rev. 1
logo
Anpec Electronics Corop...
APL5610 ANPEC-APL5610 Datasheet
271Kb / 17P
   Low Dropout Linear Regulator Controller
logo
uPI Group Inc.
UP0115P UPI-UP0115P Datasheet
1Mb / 11P
   Controller for Low-Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9046 RICHTEK-RT9046 Datasheet
200Kb / 11P
   Low-Dropout Linear Regulator Controller with PGOOD
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Richtek Technology Corp...
RT9008 RICHTEK-RT9008 Datasheet
118Kb / 9P
   Low Dropout Linear Regulator Controller with Soft-Start
RT9194 RICHTEK-RT9194 Datasheet
222Kb / 10P
   Low-Dropout Linear Regulator Controller with PGOOD Indication
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com