Electronic Components Datasheet Search |
|
APL560150DI-TRG Datasheet(PDF) 1 Page - Anpec Electronics Coropration |
|
APL560150DI-TRG Datasheet(HTML) 1 Page - Anpec Electronics Coropration |
1 / 18 page Copyright © ANPEC Electronics Corp. Rev. A.7 - Jun., 2012 APL5601/5602 www.anpec.com.tw 1 ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Low Dropout 600mA Fixed Voltage Linear Regulator The APL5601/5602 family of low-power and low dropout linear regulators which operate from 2.9V to 6.5V input voltage and deliver up to 600mA output current. Typical dropout voltage is only 220mV (typical) at 600mA output. The APL5601/5602 regulators with low 140 µA quiescent current are ideal for battery-powered system appliances. The APL5601/5602 regulators are stable with a 2.2 µF ceramic capacitor. The features of current-limit, short cir- cuit current-limit, and over-temperature protection protect the device against currnet over loads and overtemperature. The APL5601/5602 regulators come in SOT-23-3, SOT- 89, and SOT-223 packages. Features General Description Applications • CD/DVD-ROM, CD-R/W • Networking System, LAN Card, ADSL/Cable Modem • Set-Top Box • PC Peripherals • Battery-Powered System Simplified Application Circuit • Low Dropout Voltage: 220mV (Typical) @600mA • Wide Input Voltage from 2.9V~6.5V • Low Quiescent Current: 140 µA • Output Voltage Range : 1~5V • Fixed Output Voltage with 2% Accuracy • Stable with a Low ESR, 2.2 µF Output Capacitance • Short Circuit Current-Limit • Over-Temperature Protection • Current-Limit Protection • Internal Soft-Start • SOT-23-3, SOT-89, and SOT-223 Packages • Lead Free and Green Devices Available (RoHS Compliant) Pin Configuration V IN V OUT C IN C OUT 1 µF 2.2 µF VIN VOUT GND APL5601/5602 VOUT 2 3 VIN SOT-23-3 (Top View) APL5601 GND 1 SOT-223 (Top View) APL5601 VIN 2 VOUT 3 GND 1 VIN (Tab) SOT-89 (Top View) VIN (Tab) VIN 2 VOUT 3 GND 1 APL5601 GND (Tab) GND 2 VIN 3 VOUT 1 SOT-89 (Top View) APL5602 SOT-223 (Top View) APL5602 GND 2 GND (Tab) VIN 3 VOUT 1 |
Similar Part No. - APL560150DI-TRG |
|
Similar Description - APL560150DI-TRG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |