Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO1608C-473KLB Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO1608C-473KLB
Description  SMT Power Inductors - DO1608C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO1608C-473KLB Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO1608C-473KLB Datasheet HTML 1Page - Coilcraft lnc. DO1608C-473KLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Power Inductors – DO1608C Series
TypicalLvsFrequency
TypicalLvsCurrent
Document 177-2
Document 177-2 Revised 08/16/12
IrmsDerating
Dimensions are in
inches
mm
0.1
1
10
100
1000
10000
0.01
0.1
110
Frequency (MHz)
1000 µH
100 µH
10 µH
1µH
0.01
0.1
110
Current (A)
0.1
1
10
100
1000
10000
100 µH
10 µH
1µH
1000 µH
0.260
6,60
max
0.175
4,45
max
0.090
2,29
0.040
1,02
min
0.170
4,32
0.050
1,27
Dash
number
0.155
3,94 dia
0.115
2,92 max
0.070
1,78
Recommended
Land Pattern
0.140
3,56
0.055
1,40
0.215
5,46
Part marking since Feb. 2005. Parts manufactured
prior to that date mayhave color dots.
Visit www.coilcraft.com/colrpowr.cfm
for color dot marking details.
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0


Similar Part No. - DO1608C-473KLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO1608C-473KLC COILCRAFT-DO1608C-473KLC Datasheet
279Kb / 2P
   SMT Power Inductors DO1608C
DO1608C-473KLC COILCRAFT-DO1608C-473KLC Datasheet
280Kb / 2P
   SMT Power Inductors - DO1608C
More results

Similar Description - DO1608C-473KLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO1608C COILCRAFT-DO1608C_16 Datasheet
282Kb / 2P
   SMT Power Inductors ??DO1608C
DO1608C-472MLB COILCRAFT-DO1608C-472MLB Datasheet
279Kb / 2P
   SMT Power Inductors ??DO1608C
DO1608C-105MLC COILCRAFT-DO1608C-105MLC Datasheet
279Kb / 2P
   SMT Power Inductors DO1608C
DO1608C-222MLC COILCRAFT-DO1608C-222MLC Datasheet
280Kb / 2P
   SMT Power Inductors - DO1608C
DO1608C-224MLC COILCRAFT-DO1608C-224MLC Datasheet
241Kb / 2P
   SMT Power Inductors ??DO1608C
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com