Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25L010N-UF Datasheet(PDF) 1 Page - AMIC Technology

Part # A25L010N-UF
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L010N-UF Datasheet(HTML) 1 Page - AMIC Technology

  A25L010N-UF Datasheet HTML 1Page - AMIC Technology A25L010N-UF Datasheet HTML 2Page - AMIC Technology A25L010N-UF Datasheet HTML 3Page - AMIC Technology A25L010N-UF Datasheet HTML 4Page - AMIC Technology A25L010N-UF Datasheet HTML 5Page - AMIC Technology A25L010N-UF Datasheet HTML 6Page - AMIC Technology A25L010N-UF Datasheet HTML 7Page - AMIC Technology A25L010N-UF Datasheet HTML 8Page - AMIC Technology A25L010N-UF Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
A25L016 Series
16Mbit Low Voltage, Serial Flash Memory
With 100MHz Uniform 4KB Sectors
(March, 2012, Version 2.0)
AMIC Technology Corp.
Document Title
16Mbit, Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
Revision History
Rev. No.
History
Issue Date
Remark
1.0
Initial issue
April 2, 2008
Final
1.1
Add the spec. of ICC3 for 100MHz
December 26, 2008
Modify the ICC1 and ICC2 to 25
μA
Modify the ICC7 to 25mA
Modify the tPP to 3ms
Modify the tSE to 0.2s
1.2
Modify the Sector Erase Time to 0.2s (typical)
April 9, 2009
Modify the Page Program Time to 2ms (typical)
Modify the Active Read Current to 35mA (Max.)
Modify the Program/Erase Current to 25mA (Max.)
Modify the Standby Current to 25
μA (Max.)
Modify Block Erase Cycle Time to 1.3s (Max.)
Modify Chip Erase Cycle Time to 40s (Max.)
1.3
Add packing description in Part Numbering Scheme
April 23, 2010
1.4
P30: Change D
ata Retention and Endurance value from Max.
October 27, 2010
to Min.
1.5
Add 8-pin WSON (6*5mm) package type
December 21, 2010
1.6
Change tW, tSE, tBE and tCE values
August 19, 2011
1.7
P1: Add “Provide 64Bytes Security ID (application note is available
September 20, 2011
by request)” in Features
1.8
Add 8-pin SOP (150mil) package type
October 11, 2011
1.9
Change tSE(typ.) from 0.15s to 0.08s
November 15, 2011
Change tSE(max.) from 0.28s to 0.2s
Change tBE(typ,) from 0.7s to 0.5s
2.0
P31: Change ICC6(max.) from 15mA to 25mA
March 29, 2012


Similar Part No. - A25L010N-UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L010 AMICC-A25L010 Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L010-F AMICC-A25L010-F Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L010-M AMICC-A25L010-M Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L010-MF AMICC-A25L010-MF Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L010-MU AMICC-A25L010-MU Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
More results

Similar Description - A25L010N-UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L016 AMICC-A25L016 Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L020C AMICC-A25L020C Datasheet
637Kb / 44P
   2Mbit 3V Serial Flash Memory with 100MHz Uniform 4KB Sectors
A25L016 AMICC-A25L016_15 Datasheet
681Kb / 43P
   16Mbit Low Voltage, Serial Flash Memory
logo
Winbond
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X64V WINBOND-W25X64V Datasheet
1Mb / 44P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
SPANSION
S25FL208K SPANSION-S25FL208K Datasheet
1Mb / 37P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL216K SPANSION-S25FL216K Datasheet
1Mb / 37P
   16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL204K SPANSION-S25FL204K Datasheet
1Mb / 37P
   4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com