Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC22X5YA Datasheet(PDF) 48 Page - Fairchild Semiconductor

Part # TMC22X5YA
Description  Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC22X5YA Datasheet(HTML) 48 Page - Fairchild Semiconductor

Back Button TMC22X5YA Datasheet HTML 44Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 45Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 46Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 47Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 48Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 49Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 50Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 51Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 52Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
TMC22x5yA
PRODUCT SPECIFICATION
48
REV. 1.0.0 2/4/03
The comb filter architecture performs chrominance or lumi-
nance comb filtering on PAL or NTSC video signals, by
implementing one of sixteen independent chroma and luma
comb filter algorithms. The highest level of the adaptive
comb filter configuration is determined by the STA[3:0]
register bits as shown in Table 3.
Table 3. Comb Filter Architecture
The COMB signal can be produced in two ways. The first
method uses the comb fail detection circuits to select one of
several comb filter architectures. These comb filter architec-
tures weight the three lines by varying degrees depending
upon the degree of picture correlation between the inputs to
the comb filter. The simple example in Table 4 shows how
this process works, in which upper denotes error compari-
sons between the two lines stores and lower denotes error
comparisons between the input and the first line store. The
0H, 1H, and 2H terms used in the mathematical description
of the comb filter selection refer to the position with respect
to the internal line stores. The 0H term is the undelayed
input, 1H is the output of line store 1, and 2H is the output of
line store 2.
In this example a 3 line comb is implemented when in the
flat areas of blue or yellow. However, when a difference
between the inputs is detected the 3 line comb filter adapts to
the 2 line comb filter whose inputs have the smallest differ-
ence. This illustrated on line n+4, at which time the comb
filter adapts to inputs from 1H (blue) and 2H (blue) and
ignores the 0H (yellow) inputs. In cases where there is a
difference between all inputs to the comb filter, a 3 line comb
filter is selected and the highest set of comb fail signals are
sent to the XLUT input logic.
This technique would work well if pictures only contained
vertical transitions, which is obviously not the case. There-
fore the weighting of these comb filter taps, (0H, 1H, and
2H), are rarely just the simple ratios shown in Table 4. It is
worth noting that comb filters that use an even number of
lines in the comb filter architecture produce chrominance
and luminance signals that are vertically offset by one pic-
ture line, i.e. in the middle of the even number of lines used
in the comb filter input. While comb filters that use an odd
number of lines, in the comb filter architecture, the chromi-
nance and luminance produced is referenced to the center,
i.e. the middle line, of the comb filter. This approach can
consequentially cause aliasing in decoding composite video
signals containing high frequency diagonal transitions. The
FAST register bit, when set LOW, filters the comb filter
selection to decrease the sensitivity of the adaption algo-
rithm. The second method completely disables the adaption
between different comb filters, by setting the ADAPT[1:0]
register bits accordingly, see Table 5.
STA[3:0]
Comb Filter Description
0
YC or Composite, PAL or NTSC, 3 line
comb
1
YC or Composite, NTSC, 3 line comb (0H
& 1H)
2
YC or Composite, NTSC, 3 line comb (1H
& 2H)
3
YC or Composite, NTSC, 2 line comb (0H
& 1H)
4
YC or Composite, NTSC, (2 line) field
comb
5
YC or Composite, NTSC or PAL, field
comb
6
YC or Composite, NTSC, (2 line) frame
comb
7
YC or Composite, NTSC, frame comb
8
D1, Y or CBCR, 3 line comb
9
D1, Y or CBCR, 3 line comb (0H & 1H)
10
D1, Y or CBCR, 3 line comb (1H & 2H)
11
D1, Y or CBCR, 3 line comb (0H & 2H)
12
D1, Y or CBCR, (2 line) field comb
13
D1, Y or CBCR, field or 2 line comb
(0H & 1H)
14
D1, Y or CBCR, (2 line) frame comb
15
D1, Y or CBCR, Frame
Table 4. Simple Example of an Adaptive Comb Filter Architecture
Line
no.
Input col-
or
Error signals
Comb filter selection
upper
luma
upper
sat.
upper
hue
lower
luma
lower
sat.
lower
hue
n+6
blue
xxxxxx
unknown without line n+7
n+5
blue
000000
[0H/4] + [1H/2] + [2H/4]
n+4
blue
0
0
0
>0
0
180
[0] + [1H/2] + [2H/2]
n+3
yellow
>0
0
180
0
0
0
[0H/2] + [1H/2] + [0]
n+2
yellow
000000
[0H/4] + [1H/2] + [2H/4]
n+1
yellow
0
0
0
>0
>0
>0
[0] + [1H/2] + [2H/2]
n
black
xxxxxx
unknown without line n-1


Similar Part No. - TMC22X5YA

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
More results

Similar Description - TMC22X5YA

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
   MULTISTANDARD VIDEO DECODER/SCALER
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com