Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5324 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5324
Description  Adjustable Low Dropout 300mA Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5324 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5324 Datasheet HTML 1Page - Anpec Electronics Coropration APL5324 Datasheet HTML 2Page - Anpec Electronics Coropration APL5324 Datasheet HTML 3Page - Anpec Electronics Coropration APL5324 Datasheet HTML 4Page - Anpec Electronics Coropration APL5324 Datasheet HTML 5Page - Anpec Electronics Coropration APL5324 Datasheet HTML 6Page - Anpec Electronics Coropration APL5324 Datasheet HTML 7Page - Anpec Electronics Coropration APL5324 Datasheet HTML 8Page - Anpec Electronics Coropration APL5324 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jan., 2013
APL5324
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Adjustable Low Dropout 300mA Linear Regulator
Features
Wide Operating Voltage: 2.7~6V
Low Dropout Voltage:
300mV(Typical) @ 300mA
Guaranteed 300mA Output Current
Adjustable Output Voltage: 0.8~5.5V
Current-Limit Protection with Foldback Current
Over-Temperature Protection
Stable with Low ESR Ceramic Capacitor
SOT-23-5 Package
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
General Description
The APL5324 is a P-channel low dropout linear regulator
which needs only one input voltage from 2.7 to 6V, and
delivers current up to 300mA to set output voltage. It also
can work with low ESR ceramic capacitors and is ideal for
using in the battery-powered applications such as note-
book computers and cellular phones. Typical dropout volt-
age is only 300mV at 300mA loading.
Current limit with current foldback and thermal shutdown
functions protect the device against current over-loads
and over temperature. The APL5324 is available in a SOT-
23-5 package.
Cellular Phones
Portable and Battery-Powered Equipment
Notebook and Personal Computers
Simplified Application Circuit
Pin Configuration
VIN 1
5 VOUT
GND 2
4 SET
SOT-23-5
SHDN 3
VIN
SHDN
GND
VOUT
SET
CIN
1
2
3
4
5
APL5324
VIN
VOUT
COUT


Similar Part No. - APL5324

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12A ANPEC-APL5320-12A Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12B ANPEC-APL5320-12B Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12BT ANPEC-APL5320-12BT Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5324

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325_17 Datasheet
236Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325 Datasheet
264Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5327 ANPEC-APL5327 Datasheet
368Kb / 14P
   Adjustable Low Dropout 300mA Linear Regulator
APL5322 ANPEC-APL5322 Datasheet
352Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
   Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com