Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2249A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # TMC2249A
Description  Digital Mixer 12 x 12 Bit, 60 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2249A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  TMC2249A Datasheet HTML 1Page - Fairchild Semiconductor TMC2249A Datasheet HTML 2Page - Fairchild Semiconductor TMC2249A Datasheet HTML 3Page - Fairchild Semiconductor TMC2249A Datasheet HTML 4Page - Fairchild Semiconductor TMC2249A Datasheet HTML 5Page - Fairchild Semiconductor TMC2249A Datasheet HTML 6Page - Fairchild Semiconductor TMC2249A Datasheet HTML 7Page - Fairchild Semiconductor TMC2249A Datasheet HTML 8Page - Fairchild Semiconductor TMC2249A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
PRODUCT SPECIFICATION
TMC2249A
4
REV. 1.0.2 7/6/00
Pin Assignments
120 Pin Plastic Pin Grid Array, H5 Package, 120 Pin Ceramic Pin Grid Array, G1 Package, and
120 Pin Metric Quad FlatPack to 120 Pin Plastic Pin Array, H6 Package
B
AD
E
F
G
H
J
K
L
M
N
C
1
2
3
4
5
6
7
8
9
10
11
12
13
Top View
Cavity Up
KEY
DDEL0
DDEL3
END
D2
D4
D7
D8
D10
C11
C9
C6
C3
C0
NEG1
ACC
DDEL1
D0
D3
D6
D9
D11
C10
C7
C5
C2
CDEL2
S15
RND
CLK
DDEL2
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
C1
C2
C3
C4
D1
D5
GND
VDD
C8
C4
C1
ENC
CDEL1
S13
S14
GND
CDEL3
CDEL0
CASEN
S11
S12
GND
FT
CAS0
CAS1
S9
S10
VDD
CAS2
CAS3
CAS4
S7
S8
GND
C5
C6
C7
C8
C9
C10
C11
C12
C13
D1
D2
D3
D11
D12
D13
E1
E2
E3
E11
E12
E13
F1
F2
F3
F11
F12
F13
G1
G2
G3
Pin
Name
Pin
Name
CAS6
CAS7
CAS5
S6
S5
VDD
GND
CAS9
CAS8
S4
S3
GND
CAS13
CAS11
CAS10
S2
S1
SWAP
ADEL0
CAS14
CAS12
S0
BDEL0
BDEL2
B0
B4
GND
VDD
A9
A5
G11
G12
G13
H1
H2
H3
H11
H12
H13
J1
J2
J3
J11
J12
J13
K1
K2
K3
K11
K12
K13
L1
L2
L3
L4
L5
L6
L7
L8
L9
A1
ADEL3
NC
CAS15
OE
BDEL3
B1
B3
B6
B8
B10
A10
A7
A4
A0
ADEL2
ADEL1
BDEL1
ENB
B2
B5
B7
B9
B11
A11
A8
A6
A3
A2
ENA
L10
L11
L12
L13
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
M11
M12
M13
N1
N2
N3
N4
N5
N6
N7
N8
N9
N10
N11
N12
N13
Pin
Name
Pin
Name


Similar Part No. - TMC2249A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242AKTC FAIRCHILD-TMC2242AKTC Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Cadeka Microcircuits LL...
TMC2242AKTC CADEKA-TMC2242AKTC Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242AKTC1 FAIRCHILD-TMC2242AKTC1 Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
More results

Similar Description - TMC2249A

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF2249 LODEV-LF2249 Datasheet
70Kb / 8P
   12 x 12-bit Digital Mixer
LF48212 LODEV-LF48212 Datasheet
59Kb / 9P
   12 x 12-bit Alpha Mixer
logo
National Instruments Co...
NI5105 NI-NI5105 Datasheet
302Kb / 4P
   60 MS/s, 60 MHz, 12-Bit, 8-Channel Digitizers
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
LOGIC Devices Incorpora...
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Hamamatsu Corporation
S11012-01 HAMAMATSU-S11012-01_15 Datasheet
321Kb / 7P
   12-bit digital output
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com