Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7948BR Datasheet(PDF) 3 Page - Analog Devices

Part # AD7948BR
Description  3.3 V/5 V Multiplying 12-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7948BR Datasheet(HTML) 3 Page - Analog Devices

  AD7948BR Datasheet HTML 1Page - Analog Devices AD7948BR Datasheet HTML 2Page - Analog Devices AD7948BR Datasheet HTML 3Page - Analog Devices AD7948BR Datasheet HTML 4Page - Analog Devices AD7948BR Datasheet HTML 5Page - Analog Devices AD7948BR Datasheet HTML 6Page - Analog Devices AD7948BR Datasheet HTML 7Page - Analog Devices AD7948BR Datasheet HTML 8Page - Analog Devices AD7948BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD7943/AD7945/AD7948
REV. B
–3–
Parameter
A Grades2 Units
Test Conditions/Comments
ACCURACY
Resolution
12
Bits
1 LSB = (VIOUT1 – VREF)/2
12 = 300
µV When
VIOUT1 = 1.23 V and VREF = 0 V
Relative Accuracy
±1
LSB max
Differential Nonlinearity
±0.9
LSB max
All Grades Guaranteed Monotonic
over Temperature
Gain Error @ +25
°C
±3
LSB max
TMIN to TMAX
±4
LSB max
Gain Temperature Coefficient
3
2
ppm FSR/
°C typ
5
ppm FSR/
°C max
Output Leakage Current
See Terminology Section
IOUT1
@ +25
°C
10
nA max
TMIN to TMAX
100
nA max
Typically 20 nA over Temperature
Input Resistance
This Varies with DAC Input Code
@ IOUT2 Pin (AD7943)
6
k
Ω min
@ AGND Pin (AD7945, AD7948)
6
k
Ω min
DIGITAL INPUTS
VINH, Input High Voltage @ VDD = +5 V
2.4
V min
VINH, Input High Voltage @ VDD = +3.3 V
2.1
V min
VINL, Input Low Voltage @ VDD = +5 V
0.8
V max
VINL, Input Low Voltage @ VDD = +3.3 V
0.6
V max
IINH, Input Current
±1
µA max
CIN, Input Capacitance
3
10
pF max
DIGITAL OUTPUT (SRO)
For 1 CMOS Load
Output Low Voltage (VOL)
0.2
V max
Output High Voltage (VOH)VDD – 0.2
V min
POWER REQUIREMENTS
VDD Range
3.0/5.5
V min/V max
Power Supply Sensitivity
3
∆Gain/∆V
DD
–75
dB typ
IDD (AD7943)
5
µA max
VINH = VDD – 0.1 V min, VINL = 0.1 V max.
SRO Open Circuit; No STB Signal; Typically
1
µA. Typically 100 µA with 1 MHz STB
Frequency.
IDD (AD7945, AD7948)
5
µA max
VINH = VDD – 0.1 V min, VINL = 0.1 V max.
Typically 1
µA.
NOTES
1These specifications apply with the devices biased up at 1.23 V for single supply applications. The model numbering reflects this by means of a “–B” suffix
(for example: AD7943AN-B). Figure 16 is an example of Biased Mode Operation.
2Temperature ranges as follows: A Versions: –40
°C to +85°C.
3Guaranteed by design.
Specifications subject to change without notice.
BIASED MODE
SPECIFICATIONS1
(AD7943: VDD = +3 V to +5.5 V; VIOUT1 =VIOUT2 = AGND = 1.23 V; VREF = +0 V to 2.45 V; TA = TMIN to TMAX, unless other-
wise noted. AD7945, AD7948: VDD = +3 V to +5.5 V; VIOUT1 = AGND = 1.23 V; VREF = +0 V to 2.45 V; TA = TMIN to TMAX, unless otherwise noted.)


Similar Part No. - AD7948BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7948BR AD-AD7948BR Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7948BR AD-AD7948BR Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7948BR AD-AD7948BR Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7948BR AD-AD7948BR Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
AD7948BR AD-AD7948BR Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results

Similar Description - AD7948BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BNZ AD-AD7943BNZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945ARS-BREEL AD-AD7945ARS-BREEL Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945 AD-AD7945_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRSZ AD-AD7945BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BRSZ AD-AD7943BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943 Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com