Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7873BRQZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7873BRQZ-REEL7
Description  Touch Screen Digitizer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873BRQZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7873BRQZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7873BRQZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7873BRQZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7873BRQZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7873BRQZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7873BRQZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7873BRQZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7873BRQZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7873BRQZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AD7873
Data Sheet
Rev. F | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
+VCC to GND
–0.3 V to +7 V
Analog Input Voltage to GND
–0.3 V to VCC + 0.3 V
Digital Input Voltage to GND
–0.3 V to VCC + 0.3 V
Digital Output Voltage to GND
–0.3 V to VCC + 0.3 V
VREF to GND
–0.3 V to VCC + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
Commercial (A, B Versions)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
Power Dissipation
450 mW
IR Reflow Soldering
Peak Temperature
220°C (±5°C)
Time-to-Peak Temperature
10 sec to 30 sec
Ramp-Down Rate
6°C/sec max
Pb-free Parts Only
Peak Temperature
250°C
Time-to-Peak Temperature
20 sec to 40 sec
Ramp-Up Rate
3°C/sec max
Ramp-Down Rate
6°C/sec max
1
Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
16-Lead QSOP
149.97
38.8
°C/W
16-Lead TSSOP
150.4
27.6
°C/W
16-Lead LFCSP
135.7
°C/W
ESD CAUTION


Similar Part No. - AD7873BRQZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7873BRQZ-REEL7 AD-AD7873BRQZ-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873BRQZ-REEL7 AD-AD7873BRQZ-REEL7 Datasheet
480Kb / 29P
   Touch Screen Digitizer
More results

Similar Description - AD7873BRQZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7873 AD-AD7873_17 Datasheet
480Kb / 29P
   Touch Screen Digitizer
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com