Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC031D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC031D
Description  HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC031D Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75LBC031D Datasheet HTML 4Page - Texas Instruments SN75LBC031D Datasheet HTML 5Page - Texas Instruments SN75LBC031D Datasheet HTML 6Page - Texas Instruments SN75LBC031D Datasheet HTML 7Page - Texas Instruments SN75LBC031D Datasheet HTML 8Page - Texas Instruments SN75LBC031D Datasheet HTML 9Page - Texas Instruments SN75LBC031D Datasheet HTML 10Page - Texas Instruments SN75LBC031D Datasheet HTML 11Page - Texas Instruments SN75LBC031D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SN65LBC031, SN65LBC031Q, SN75LBC031
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SLRS048A – MAY 1998 – REVISED APRIL 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VS
Transient Magnitude
vs
Time
90%
10%
0 V
tr
td
t2
t1
t – Time
Figure 7. Transient Stress Capability Waveform
Table 1. Test Circuit Results According to DIN 40839
TEST PULSE
TRANSIENT
MAGNITUDE
VS
SOURCE
IMPEDANCE
RSOURCE
PULSE WIDTH
td
(see Note 5)
PULSE RISE
TIME, tr
(see Note 6)
PULSE TIME,
t2
(see Figure 7)
REPETITION
PERIOD, t1
(see Figure 7)
NUMBER OF
PULSES
1
–100 V
10
2 ms
1
µs
200 ms
5 s
5000
2
100 V
10
50
µs
1
µs
200 ms
5 s
5000
3a
–150 V
50
0.1
µs
5 ns
100
µs
100
µs
See Note 7
3b
100 V
50
0.1
µs
5 ns
100
µs
100
µs
See Note 7
5
60 V
1
400 ms
5 ms
1
NOTES:
5. Measured from 10% on rising edge to 10% on falling edge
6. Measured from 10% to 90% of pulse
7. Pulse package for a period of 3600 s, 10 ms pulse time, 90 ms stop time


Similar Part No. - SN75LBC031D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC031D TI1-SN75LBC031D Datasheet
831Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN75LBC031DR TI1-SN75LBC031DR Datasheet
831Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
More results

Similar Description - SN75LBC031D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC031 TI-SN65LBC031 Datasheet
152Kb / 11P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN65LBC031Q TI-SN65LBC031Q Datasheet
141Kb / 10P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK CAN TRANSCEIVERS
SN65LBC031 TI1-SN65LBC031_14 Datasheet
831Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
logo
OKI electronic componet...
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
   CAN (Controller Area Network) Controller
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
   CAN (Controller Area Network) Controller
logo
National Instruments Co...
777357-01 NI-777357-01 Datasheet
520Kb / 6P
   Controller Area Network (CAN) Interfaces
logo
Intel Corporation
AN82526 INTEL-AN82526 Datasheet
255Kb / 9P
   controller area network chip
logo
Advantech Co., Ltd.
ULI-238TS ADVANTECH-ULI-238TS Datasheet
419Kb / 1P
   CAN (Control Area Network) Optical Isolator
18-Jan-2022
logo
Intel Corporation
AN82527F8 INTEL-AN82527F8 Datasheet
242Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
82527 INTEL-82527 Datasheet
239Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com