Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC11U35FHI33 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # LPC11U35FHI33
Description  32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11U35FHI33 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button LPC11U35FHI33 Datasheet HTML 56Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 57Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 58Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 59Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 60Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 61Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 62Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 63Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
LPC11U3X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2013
60 of 76
NXP Semiconductors
LPC11U3x
32-bit ARM Cortex-M0 microcontroller
Under nominal operating condition VDD = 3.3 V and with the maximum sampling
frequency fs = 400 kHz, the parameters assume the following values:
Cia = 1 pF (max)
Rmux = 2 kΩ (max)
Rsw = 1.3 kΩ (max)
Cio = 7.1 pF (max)
The effective input impedance with these parameters is Rin = 308 kΩ.
11.7 ADC usage notes
The following guidelines show how to increase the performance of the ADC in a noisy
environment beyond the ADC specifications listed in Table 6:
The ADC input trace must be short and as close as possible to the LPC11U3x chip.
Shield The ADC input traces from fast switching digital signals and noisy power
supply lines.
The ADC and the digital core share the same power supply. Therefore, filter the power
supply line adequately.
To improve the ADC performance in a noisy environment, put the device in Sleep
mode during the ADC conversion.
11.8 I/O Handler software library applications
The following sections provide application examples for the I/O Handler software library.
All library examples make use of the I/O Handler hardware to extend the functionality of
the part through software library calls. The libraries are available on
http://www.LPCware.com.
11.8.1 I/O Handler I2S
The I/O Handler software library provides functions to emulate an I2S master transmit
interface using the I/O Handler hardware block.
The emulated I2S interface loops over a 1 kB buffer, transmitting the datawords according
to the I2S protocol. Interrupts are generated every time when the first 512 bytes have been
transmitted and when the last 512 bytes have been transmitted. This allows the ARM core
to load the free portion of the buffer with new data, thereby enabling streaming audio.
Two channels with 16-bit per channel are supported. The code size of the software library
is 1 kB and code must be executed from the SRAM1 memory area reserved for the I/O
Handler code.
11.8.2 I/O Handler UART
The I/O Handler UART library emulates one additional full-duplex UART. The emulated
UART can be configured for 7 or 8 data bits, no parity, and 1 or 2 stop bits. The baud rate
is configurable up to 115200 baud. The RXD signal is available on three I/O Handler pins
(IOH_6, IOH_16, IOH_20), while TXD and CTS are available on all 21 I/O Handler pins.
The code size of the software library is about 1.2 kB and code must be executed from the
SRAM1 memory area reserved for the I/O Handler code.


Similar Part No. - LPC11U35FHI33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U35FHI33 NXP-LPC11U35FHI33 Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC11U35FHI33501 NXP-LPC11U35FHI33501 Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
More results

Similar Description - LPC11U35FHI33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U3X NXP-LPC11U3X Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
LPC11E36 NXP-LPC11E36 Datasheet
1Mb / 66P
   32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USART
Rev. 2-21 November 2013
LPC11U2X NXP-LPC11U2X Datasheet
1Mb / 74P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.3 - 27 March 2014
LPC11U2X PHILIPS-LPC11U2X Datasheet
1Mb / 67P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 1-29 November 2011
LPC11E1X NXP-LPC11E1X Datasheet
1Mb / 62P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013
LPC11U14FHI33.201 NXP-LPC11U14FHI33.201 Datasheet
1Mb / 69P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
LPC11U1X NXP-LPC11U1X Datasheet
914Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 1-11 April 2011
LPC1315 NXP-LPC1315 Datasheet
1Mb / 77P
   32-bit ARM Cortex-M3 microcontroller; up to 64 kB flash; up to 12 kB SRAM; USB device; USART; EEPROM
Rev. 3-20 September 2012
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
   32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com