Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC11U35FHI33 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC11U35FHI33
Description  32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11U35FHI33 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC11U35FHI33 Datasheet HTML 29Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 30Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 31Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 32Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 33Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 34Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 35Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 36Page - NXP Semiconductors LPC11U35FHI33 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
LPC11U3X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2013
33 of 76
NXP Semiconductors
LPC11U3x
32-bit ARM Cortex-M0 microcontroller
IOL
LOW-level output
current
VOL =0.4 V
2.0 V
 V
DD  3.6 V
4-
-
mA
1.8 V
 V
DD < 2.0 V
3
-
-
mA
IOHS
HIGH-level short-circuit
output current
VOH =0V
[13] --
45
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[13] --
50
mA
Ipd
pull-down current
VI = 5 V
10
50
150
A
Ipu
pull-up current
VI =0V;
2.0 V
 V
DD  3.6 V
15
50
85
A
1.8 V
 V
DD < 2.0 V
10
50
85
A
VDD <VI <5V
0
0
0
A
High-drive output pin (PIO0_7)
IIL
LOW-level input current VI = 0 V; on-chip pull-up resistor
disabled
-0.5
10
nA
IIH
HIGH-level input
current
VI =VDD; on-chip pull-down resistor
disabled
-0.5
10
nA
IOZ
OFF-state output
current
VO =0V; VO =VDD; on-chip
pull-up/down resistors disabled
-0.5
10
nA
VI
input voltage
pin configured to provide a digital
function; VDD  1.8 V
[11]
[12]
0-
5.0
V
VDD = 0 V
0
-
3.6
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input
voltage
0.7VDD
--
V
VIL
LOW-level input voltage
-
-
0.3VDD
V
Vhys
hysteresis voltage
0.4
-
-
V
VOH
HIGH-level output
voltage
2.5 V
 V
DD  3.6 V; IOH = 20 mA
VDD  0.4 -
-
V
1.8 V
 V
DD < 2.5 V; IOH = 12 mA
VDD  0.4 -
-
V
VOL
LOW-level output
voltage
2.0 V
 V
DD  3.6 V; IOL =4 mA
-
-
0.4
V
1.8 V
 V
DD < 2.0 V; IOL =3 mA
-
-
0.4
V
IOH
HIGH-level output
current
VOH =VDD  0.4 V;
2.5 V
 V
DD  3.6 V
20
-
-
mA
1.8 V
 V
DD < 2.5 V
12
-
-
mA
IOL
LOW-level output
current
VOL =0.4 V
2.0 V
 V
DD  3.6 V
4-
-
mA
1.8 V
 V
DD < 2.0 V
3
-
-
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[13] --
50
mA
Ipd
pull-down current
VI = 5 V
10
50
150
A
Table 5.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit


Similar Part No. - LPC11U35FHI33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U35FHI33 NXP-LPC11U35FHI33 Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC11U35FHI33501 NXP-LPC11U35FHI33501 Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
More results

Similar Description - LPC11U35FHI33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U3X NXP-LPC11U3X Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
LPC11E36 NXP-LPC11E36 Datasheet
1Mb / 66P
   32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USART
Rev. 2-21 November 2013
LPC11U2X NXP-LPC11U2X Datasheet
1Mb / 74P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.3 - 27 March 2014
LPC11U2X PHILIPS-LPC11U2X Datasheet
1Mb / 67P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 1-29 November 2011
LPC11E1X NXP-LPC11E1X Datasheet
1Mb / 62P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013
LPC11U14FHI33.201 NXP-LPC11U14FHI33.201 Datasheet
1Mb / 69P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
LPC11U1X NXP-LPC11U1X Datasheet
914Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 1-11 April 2011
LPC1315 NXP-LPC1315 Datasheet
1Mb / 77P
   32-bit ARM Cortex-M3 microcontroller; up to 64 kB flash; up to 12 kB SRAM; USB device; USART; EEPROM
Rev. 3-20 September 2012
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
   32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com