Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC11U35FBD48401 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # LPC11U35FBD48401
Description  32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11U35FBD48401 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button LPC11U35FBD48401 Datasheet HTML 52Page - NXP Semiconductors LPC11U35FBD48401 Datasheet HTML 53Page - NXP Semiconductors LPC11U35FBD48401 Datasheet HTML 54Page - NXP Semiconductors LPC11U35FBD48401 Datasheet HTML 55Page - NXP Semiconductors LPC11U35FBD48401 Datasheet HTML 56Page - NXP Semiconductors LPC11U35FBD48401 Datasheet HTML 57Page - NXP Semiconductors LPC11U35FBD48401 Datasheet HTML 58Page - NXP Semiconductors LPC11U35FBD48401 Datasheet HTML 59Page - NXP Semiconductors LPC11U35FBD48401 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
LPC11U3X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2013
56 of 76
NXP Semiconductors
LPC11U3x
32-bit ARM Cortex-M0 microcontroller
11.2 XTAL input
The input voltage to the on-chip oscillators is limited to 1.8 V. If the oscillator is driven by a
clock in slave mode, it is recommended that the input be coupled through a capacitor with
Ci = 100 pF. To limit the input voltage to the specified range, choose an additional
capacitor to ground Cg which attenuates the input voltage by a factor Ci/(Ci + Cg). In slave
mode, a minimum of 200 mV (RMS) is needed.
In slave mode, couple the input clock signal with a capacitor of 100 pF (Figure 29), with an
amplitude between 200 mV (RMS) and 1000 mV (RMS). This signal corresponds to a
square wave signal with a signal swing of between 280 mV and 1.4 V. The XTALOUT pin
in this configuration can be left unconnected.
External components and models used in oscillation mode are shown in Figure 30 and in
Table 18 and Table 19. Since the feedback resistance is integrated on chip, only a crystal
and the capacitances CX1 and CX2 need to be connected externally in case of
fundamental mode oscillation (L, CL and RS represent the fundamental frequency).
Capacitance CP in Figure 30 represents the parallel package capacitance and must not be
larger than 7 pF. Parameters FOSC, CL, RS and CP are supplied by the crystal
manufacturer.
Fig 29. Slave mode operation of the on-chip oscillator
Fig 30. Oscillator modes and models: oscillation mode of operation and external crystal
model used for CX1/CX2 evaluation
LPC1xxx
XTALIN
Ci
100 pF
Cg
002aae788
002aaf424
LPC1xxx
XTALIN
XTALOUT
CX2
CX1
XTAL
=
CL
CP
RS
L


Similar Part No. - LPC11U35FBD48401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U35FBD48401 NXP-LPC11U35FBD48401 Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
More results

Similar Description - LPC11U35FBD48401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U3X NXP-LPC11U3X Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
LPC11E36 NXP-LPC11E36 Datasheet
1Mb / 66P
   32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USART
Rev. 2-21 November 2013
LPC11U2X NXP-LPC11U2X Datasheet
1Mb / 74P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.3 - 27 March 2014
LPC11U2X PHILIPS-LPC11U2X Datasheet
1Mb / 67P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 1-29 November 2011
LPC11E1X NXP-LPC11E1X Datasheet
1Mb / 62P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013
LPC11U14FHI33.201 NXP-LPC11U14FHI33.201 Datasheet
1Mb / 69P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
LPC11U1X NXP-LPC11U1X Datasheet
914Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 1-11 April 2011
LPC1315 NXP-LPC1315 Datasheet
1Mb / 77P
   32-bit ARM Cortex-M3 microcontroller; up to 64 kB flash; up to 12 kB SRAM; USB device; USART; EEPROM
Rev. 3-20 September 2012
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
   32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com