Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC11U35FHN33401 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # LPC11U35FHN33401
Description  32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11U35FHN33401 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button LPC11U35FHN33401 Datasheet HTML 68Page - NXP Semiconductors LPC11U35FHN33401 Datasheet HTML 69Page - NXP Semiconductors LPC11U35FHN33401 Datasheet HTML 70Page - NXP Semiconductors LPC11U35FHN33401 Datasheet HTML 71Page - NXP Semiconductors LPC11U35FHN33401 Datasheet HTML 72Page - NXP Semiconductors LPC11U35FHN33401 Datasheet HTML 73Page - NXP Semiconductors LPC11U35FHN33401 Datasheet HTML 74Page - NXP Semiconductors LPC11U35FHN33401 Datasheet HTML 75Page - NXP Semiconductors LPC11U35FHN33401 Datasheet HTML 76Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
LPC11U3X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2013
72 of 76
NXP Semiconductors
LPC11U3x
32-bit ARM Cortex-M0 microcontroller
14. Revision history
Table 20.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
LPC11U3X v.2
20131125
Product data sheet
-
LPC11U3X v.1.1
Modifications:
Part LPC11U37HFBD64/401 with I/O handler added.
Additional I/O Handler pin functions added in Table 3.
Typical range of watchdog oscillator frequency changed to 9.4 kHz to
2.3 MHz.See Table 13.
• Section 11.8 “I/O Handler software library applications” added.
Updated Section 11.1 “Suggested USB interface solutions” for clarity.
Condition VDD = 0 V added to Parameter VI in Table 5 for clarity.
LPC11U3X v.1.1
20130924
Product data sheet
-
LPC11U3X v.1
Modifications:
Removed the footnote “The peak current is limited to 25 times the
corresponding maximum current.” in Table 4.
Table 3: Added “5 V tolerant pad” to RESET/PIO0_0 table note.
Table 7: Removed BOD interrupt level 0.
Programmable glitch filter is enabled by default. See Section 7.7.1.
Added Section 11.6 “ADC effective input impedance”.
Table 5 “Static characteristics” added Pin capacitance section.
Updated Section 11.1 “Suggested USB interface solutions”.
Table 4 “Limiting values”:
– Updated VDD min and max.
– Updated VI conditions.
Table 10 “EEPROM characteristics”:
– Removed fclk and ter; the user does not have control over these
parameters.
– Changed the tprog from 1.1 ms to 2.9 ms; the EEPROM IAP always
does an erase and program, thus the total program time is ter + tprog.
Changed title of Figure 29 from “USB interface on a self-powered
device” to “USB interface with soft-connect”.
Section 10.7 “USB interface” added. Parameter tEOPR1 and tEOPR2
renamed to tEOPR.
LPC11U3X v.1
20120420
Product data sheet
-
-


Similar Part No. - LPC11U35FHN33401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U35FHN33401 NXP-LPC11U35FHN33401 Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
More results

Similar Description - LPC11U35FHN33401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U3X NXP-LPC11U3X Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
LPC11E36 NXP-LPC11E36 Datasheet
1Mb / 66P
   32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USART
Rev. 2-21 November 2013
LPC11U2X NXP-LPC11U2X Datasheet
1Mb / 74P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.3 - 27 March 2014
LPC11U2X PHILIPS-LPC11U2X Datasheet
1Mb / 67P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 1-29 November 2011
LPC11E1X NXP-LPC11E1X Datasheet
1Mb / 62P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013
LPC11U14FHI33.201 NXP-LPC11U14FHI33.201 Datasheet
1Mb / 69P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
LPC11U1X NXP-LPC11U1X Datasheet
914Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 1-11 April 2011
LPC1315 NXP-LPC1315 Datasheet
1Mb / 77P
   32-bit ARM Cortex-M3 microcontroller; up to 64 kB flash; up to 12 kB SRAM; USB device; USART; EEPROM
Rev. 3-20 September 2012
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
   32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com