Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC11U34FHN33 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC11U34FHN33
Description  32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11U34FHN33 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC11U34FHN33 Datasheet HTML 6Page - NXP Semiconductors LPC11U34FHN33 Datasheet HTML 7Page - NXP Semiconductors LPC11U34FHN33 Datasheet HTML 8Page - NXP Semiconductors LPC11U34FHN33 Datasheet HTML 9Page - NXP Semiconductors LPC11U34FHN33 Datasheet HTML 10Page - NXP Semiconductors LPC11U34FHN33 Datasheet HTML 11Page - NXP Semiconductors LPC11U34FHN33 Datasheet HTML 12Page - NXP Semiconductors LPC11U34FHN33 Datasheet HTML 13Page - NXP Semiconductors LPC11U34FHN33 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
LPC11U3X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2013
10 of 76
NXP Semiconductors
LPC11U3x
32-bit ARM Cortex-M0 microcontroller
6.2 Pin description
Table 3 shows all pins and their assigned digital or analog functions in order of the GPIO
port number. The default function after reset is listed first. All port pins have internal
pull-up resistors enabled after reset except for the true open-drain pins PIO0_4 and
PIO0_5.
Every port pin has a corresponding IOCON register for programming the digital or analog
function, the pull-up/pull-down configuration, the repeater, and the open-drain modes.
The USART, counter/timer, and SSP functions are available on more than one port pin.
Table 3.
Pin description
Symbol
Reset
state
[1]
Type
Description
RESET/PIO0_0
2
C1
3
4
[2]
I; PU
I
RESET — External reset input with 20 ns glitch filter.
A LOW-going pulse as short as 50 ns on this pin
resets the device, causing I/O ports and peripherals to
take on their default states and processor execution
to begin at address 0. This pin also serves as the
debug select input. LOW level selects the JTAG
boundary scan. HIGH level selects the ARM SWD
debug mode.
-
I/O
PIO0_0 — General purpose digital input/output pin.
PIO0_1/CLKOUT/
CT32B0_MAT2/
USB_FTOGGLE
3C2
4
5
[3]
I; PU
I/O
PIO0_1 — General purpose digital input/output pin. A
LOW level on this pin during reset starts the ISP
command handler or the USB device enumeration.
-O
CLKOUT — Clockout pin.
-O
CT32B0_MAT2 — Match output 2 for 32-bit timer 0.
-O
USB_FTOGGLE — USB 1 ms Start-of-Frame signal.
PIO0_2/SSEL0/
CT16B0_CAP0/IOH_0
8F1
10
13
[3]
I; PU
I/O
PIO0_2 — General purpose digital input/output pin.
-
I/O
SSEL0 — Slave select for SSP0.
-I
CT16B0_CAP0 — Capture input 0 for 16-bit timer 0.
-
I/O
IOH_0 — I/O Handler input/output 0.
LPC11U37HFBD64/401 only.
PIO0_3/USB_VBUS/
IOH_1
9H2
14
19
[3]
I; PU
I/O
PIO0_3 — General purpose digital input/output pin. A
LOW level on this pin during reset starts the ISP
command handler. A HIGH level during reset starts
the USB device enumeration.
-I
USB_VBUS — Monitors the presence of USB bus
power.
-
I/O
IOH_1 — I/O Handler input/output 1.
LPC11U37HFBD64/401 only.


Similar Part No. - LPC11U34FHN33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U34FHN33 NXP-LPC11U34FHN33 Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC11U34FHN33311 NXP-LPC11U34FHN33311 Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC11U34FHN33421 NXP-LPC11U34FHN33421 Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
More results

Similar Description - LPC11U34FHN33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U3X NXP-LPC11U3X Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
LPC11E36 NXP-LPC11E36 Datasheet
1Mb / 66P
   32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USART
Rev. 2-21 November 2013
LPC11U2X NXP-LPC11U2X Datasheet
1Mb / 74P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.3 - 27 March 2014
LPC11U2X PHILIPS-LPC11U2X Datasheet
1Mb / 67P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 1-29 November 2011
LPC11E1X NXP-LPC11E1X Datasheet
1Mb / 62P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013
LPC11U14FHI33.201 NXP-LPC11U14FHI33.201 Datasheet
1Mb / 69P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
LPC11U1X NXP-LPC11U1X Datasheet
914Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 1-11 April 2011
LPC1315 NXP-LPC1315 Datasheet
1Mb / 77P
   32-bit ARM Cortex-M3 microcontroller; up to 64 kB flash; up to 12 kB SRAM; USB device; USART; EEPROM
Rev. 3-20 September 2012
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
   32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com