Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2903AVQDRG4Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2903AVQDRG4Q1
Description  LM2903-Q1 DUAL DIFFERENTIAL COMPARATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903AVQDRG4Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM2903AVQDRG4Q1 Datasheet HTML 1Page - Texas Instruments LM2903AVQDRG4Q1 Datasheet HTML 2Page - Texas Instruments LM2903AVQDRG4Q1 Datasheet HTML 3Page - Texas Instruments LM2903AVQDRG4Q1 Datasheet HTML 4Page - Texas Instruments LM2903AVQDRG4Q1 Datasheet HTML 5Page - Texas Instruments LM2903AVQDRG4Q1 Datasheet HTML 6Page - Texas Instruments LM2903AVQDRG4Q1 Datasheet HTML 7Page - Texas Instruments LM2903AVQDRG4Q1 Datasheet HTML 8Page - Texas Instruments LM2903AVQDRG4Q1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM2903Q1
DUAL DIFFERENTIAL COMPARATORS
SLCS141D − MAY 2003 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D ESD Protection Exceeds 1000 V Per
MIL-STD-883, Method 3015; Exceeds 100 V
Using Machine Model (C = 200 pF, R = 0)
D Single Supply or Dual Supplies
D Low Supply-Current Drain Independent of
Supply Voltage . . . 0.4 mA Typ Per
Comparator
D Low Input Bias Current . . . 25 nA Typ
D Low Input Offset Current ...5 nA Typ
D Low Input Offset Voltage ...2 mV Typ
D Common-Mode Input Voltage Range
Includes Ground
D Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage . . .
±36 V
D Low Output Saturation Voltage
D Output Compatible With TTL, MOS, and
CMOS
description/ordering information
This device consists of two independent voltage comparators that are designed to operate from a single power
supply over a wide range of voltages. Operation from dual supplies is possible, as long as the difference
between the two supplies is 2 V to 36 V, and VCC is at least 1.5 V more positive than the input common-mode
voltage. Current drain is independent of the supply voltage. The outputs can be connected to other
open-collector outputs to achieve wired-AND relationships.
The LM2903Q is tested from −40
°C to 125°C and is manufactured to demanding automotive requirements.
ORDERING INFORMATION{
TA
VIOmax
AT 25
°C
MAX VCC
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
7 mV
30 V
SOIC (D)
Tape and reel
LM2903QDRQ1
2903Q1
7 mV
30 V
TSSOP (PW)
Tape and reel
LM2903QPWRQ1
2903Q1
−40
°C to 125°C
7 mV
32 V
SOIC (D)
Tape and reel
LM2903VQDRQ1
2903VQ1
−40
°C to 125°C
7 mV
32 V
TSSOP (PW)
Tape and reel
LM2903VQPWRQ1
2903VQ1
2 mV
32 V
SOIC (D)
Tape and reel
LM2903AVQDRQ1
2903AVQ
2 mV
32 V
TSSOP (PW)
Tape and reel
LM2903AVQPWRQ1
2903AVQ
† For the most current package and ordering information, see the Package Option Addendum at the end of this document,
or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
symbol (each comparator)
IN+
IN−
OUT
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC
2OUT
2IN−
2IN+
D OR PW PACKAGE
(TOP VIEW)


Similar Part No. - LM2903AVQDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903AVQDRG4Q1 TI1-LM2903AVQDRG4Q1 Datasheet
216Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903AVQDRG4Q1 TI1-LM2903AVQDRG4Q1 Datasheet
428Kb / 18P
[Old version datasheet]   LM2903-Q1 Dual Differential Comparators
LM2903AVQDRG4Q1 TI1-LM2903AVQDRG4Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Differential Comparators
LM2903AVQDRG4Q1 TI1-LM2903AVQDRG4Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive Dual Differential Comparators
LM2903AVQDRG4Q1 TI1-LM2903AVQDRG4Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
More results

Similar Description - LM2903AVQDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1_14 Datasheet
428Kb / 18P
[Old version datasheet]   LM2903-Q1 Dual Differential Comparators
LM2903-Q1 TI-LM2903-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V03 Datasheet
2Mb / 37P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI1-LM2903-Q1_V01 Datasheet
1Mb / 32P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V06 Datasheet
3Mb / 44P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
LM2903-Q1 TI-LM2903-Q1_V05 Datasheet
3Mb / 44P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
LM2903-Q1 TI-LM2903-Q1_V02 Datasheet
1Mb / 33P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com