Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P62CDR12CF5ST Datasheet(PDF) 2 Page - Dielectric Laboratories, Inc.

Part # P62CDR12CF5ST
Description  Milli-Cap
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

P62CDR12CF5ST Datasheet(HTML) 2 Page - Dielectric Laboratories, Inc.

  P62CDR12CF5ST Datasheet HTML 1Page - Dielectric Laboratories, Inc. P62CDR12CF5ST Datasheet HTML 2Page - Dielectric Laboratories, Inc. P62CDR12CF5ST Datasheet HTML 3Page - Dielectric Laboratories, Inc. P62CDR12CF5ST Datasheet HTML 4Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Milli-Cap
®
 
July 8, 2010
 
Dielectric Laboratories Inc.
2777 Route 20 East, Cazenovia, NY 13035
Phone: 315-655-8710 Fax: 315-655-8179
Email: sales@dilabs.com Web: http://www.dilabs.com
QUALITY SYSTEMS AS9100, ISO 9001 AND ENVIRONMENTAL SYSTEM ISO 14001 CERTIFIED
2 of 4 
 
Case Sizes and Ceramic Materials
Case Size Definitions
Case Size
Code
Figure
Dim “A”
Dim “B”
MAX
Dim “C”
MAX
21 (0201)
1
See
Capacitance
Range Tables
0.024”
0.010”
42 (0402)
2
0.044”
0.020”
02 (0502)
2
0.054”
0.025”
62 (0602)
2
0.064”
0.030”
 
Ceramic Material Options
DLI
Material
Code
Temperature
Coefficient
Of Capacitance
(-55°C to 125°C)
1 MHz
Maximum
Dissipation
Factor
25°C
Insulation
Resistance
CF
0 ± 15 ppm/°C
0.60%
>10
6
Ω
CD
-20 ± 15 ppm/°C
0.15%
>10
6
Ω
CG
0 ± 30 ppm/°C
0.70%
>10
6
Ω
NR
-1500 ± 500 ppm/°C
0.25%
>10
6
Ω
NV
-4700 ± 1000 ppm/°C
1.20%
>10
6
Ω
BN
± 15%
3.0%
>10
5
Ω
 
Capacitance and Tolerance
Capacitance Code Definition
First Two Digits
(If no ‘R’ is present)
Capacitance (pF)
Third Digit
10
x Multiplier
‘R’
Decimal Point
Examples:
121 = 120 pF (12 x 10
1)
120 = 12 pF (12 x 10
0)
1R2 = 1.2 pF
R12 = 0.12 pF
 
Capacitance Tolerance Options
Code Description Capacitance Range
A
± 0.05 pF
≤ 0.5 pF
B
± 0.1 pF
≤ 1.0 pF
C
± 0.25 pF
≤ 2.5 pF
K
± 10%
> 2.5 pF
M
± 20%
All with ‘BN’ Material
 
 
Available Capacitance Ranges
Capacitance Ranges for
P21 (0201) Case Size
(Figure 1)
Material
Capacitance Range
(pF)
Dim “A”
CF
0.2 – 0.5
0.006” (+ .001”, -.002”)
CD
0.5 – 0.8
0.006” (+ .001”, -.002”)
CG
0.6 – 1.5
0.006” (+ .001”, -.002”)
NR
1.3 – 3.9
0.006” (+ .001”, -.002”)
NV
7.5 – 15
0.006” (+ .001”, -.002”)
BN
36 – 82
0.006” (± .001”)
 
Capacitance Ranges for
P42 (0402), P02 (0502) and P62 (0602) Case Sizes
(Figure 2)
Material
Material
Capacitance
Range
(pF)
Dim “A” and Maximum
Capacitance (pF)
0.006”
(+.001”, -.002”)
0.008”
(± .001”)
0.010”
(± .001”)
CF
0.2 – 0.5
0.5
0.3
0.2
CD
0.5 – 0.8
0.8
0.5
N/A
CG
0.6 – 1.5
1.5
0.8
0.6
NR
1.3 – 3.9
3.9
2.2
1.3
NV
7.5 – 15
15
10
7.5
BN
36 – 82
82
57
39
 
 


Similar Part No. - P62CDR12CF5ST

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
P62CD0R7B5S KNOWLES-P62CD0R7B5S Datasheet
807Kb / 2P
   Milli-Cap짰 Ideal SMT Capacitor
More results

Similar Description - P62CDR12CF5ST

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
P21BN300X5S KNOWLES-P21BN300X5S Datasheet
1Mb / 2P
   MILLI-CAP® BROADBAND DATASHEET – BNL VERSION
2020
P_2BN820Z5ST KNOWLES-P_2BN820Z5ST Datasheet
350Kb / 1P
   BROADBAND BLOCKS - MILLI-CAP SMD MILLIMETER WAVE CAPACITOR
2017
logo
Molex Electronics Ltd.
0787881014 MOLEX1-0787881014 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Pegs, without Cap
0787880614 MOLEX1-0787880614 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Plastic Pegs, without Cap
0787880623 MOLEX1-0787880623 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, without Plastic Pegs, with Cap
0787880613 MOLEX1-0787880613 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Plastic Pegs, with Cap
0787881013 MOLEX1-0787881013 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Platic Pegs, with Cap
logo
Winchester Electronics ...
SDKC-89-92 WINCHESTER-SDKC-89-92 Datasheet
45Kb / 1P
   CAP
logo
PHOENIX CONTACT
1785430 PHOENIX-1785430 Datasheet
55Kb / 2P
   Protective cap - PV-C PROTECTION CAP
logo
List of Unclassifed Man...
M210 ETC-M210 Datasheet
153Kb / 4P
   MILLI-OHMETER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com