Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608CH2E105B020A Datasheet(PDF) 1 Page - TDK Electronics

Part # C1608CH2E105B020A
Description  Part Number Change Notification
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1608CH2E105B020A Datasheet(HTML) 1 Page - TDK Electronics

  C1608CH2E105B020A Datasheet HTML 1Page - TDK Electronics C1608CH2E105B020A Datasheet HTML 2Page - TDK Electronics C1608CH2E105B020A Datasheet HTML 3Page - TDK Electronics C1608CH2E105B020A Datasheet HTML 4Page - TDK Electronics C1608CH2E105B020A Datasheet HTML 5Page - TDK Electronics C1608CH2E105B020A Datasheet HTML 6Page - TDK Electronics C1608CH2E105B020A Datasheet HTML 7Page - TDK Electronics C1608CH2E105B020A Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Part Number Change Notification
Date: December 17th, 2012
Subject: TDK introduces a new global catalog part number for its Multilayer Ceramic Capacitor
products
Dear European Distributor Partner,
Thank you for your business and continued interest in TDK’s ceramic capacitors. This letter is to
inform you that we are changing the nomenclature of our ceramic capacitor catalog part
numbers. The new catalog part number includes characters to indicate thickness and
packaging details (reel size and tape width). This change also allows TDK to unify its catalog part
numbers globally.
Online Catalog Issued
TDK Catalog Part Number
TDK Item Description (On Labeling)
Prior to January 2013
C1608C0G1E103J
C1608C0G1E103JT000N
January 2013 and Later
C1608C0G1E103J080AA
C1608C0G1E103JT000N
We ask that you reference the new catalog part numbers beginning with new orders dated 1
st
Febuary 2013. ( Regions outside Europe may action from other dates )
The final shipment from TDK’s factory referencing the existing part number will be June 28,
2013.
Please be aware that the last five characters of the TDK catalog part number will differ from the
TDK item description (internal control number) on the packaging label. For example:
C1608C0G1E103J080AA Vs C1608C0G1E103JT000N.
Please reference the attached conversion table that cross-references existing catalog part
number to the new catalog part number. TDK will also provide a conversion feature in its
online cross reference tool, scheduled to launch on January 7
th, 2013. This tool will be available
via the ceramic capacitor portal at www.tdk.com. TDK is committed to working closely with you
to minimize any impact this change may have.
Affected Product Series: C, CKC, CKG, CLL, CGA, CGJ, CGB, CEU, CER, and CKD
Existing TDK Part Number Conversion Table: Please See Attached Excel File.


Similar Part No. - C1608CH2E105B020A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608CH2E101J080AA TDK-C1608CH2E101J080AA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1608CH2E101J080AA TDK-C1608CH2E101J080AA_17 Datasheet
180Kb / 3P
   Multilayer Ceramic Chip Capacitors
C1608CH2E101K080AA TDK-C1608CH2E101K080AA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1608CH2E101K080AA TDK-C1608CH2E101K080AA_17 Datasheet
180Kb / 3P
   Multilayer Ceramic Chip Capacitors
C1608CH2E102J080AA TDK-C1608CH2E102J080AA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
More results

Similar Description - C1608CH2E105B020A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4532X7R1E226M250KC TDK-C4532X7R1E226M250KC Datasheet
110Kb / 8P
   Part Number Change Notification
logo
AVX Corporation
SQCA2A620FA71A AVX-SQCA2A620FA71A Datasheet
1Mb / 633P
   Change Notification Product Part Series Name Change
September 16, 2020
logo
List of Unclassifed Man...
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
   Part Number Nomenclature
logo
AVX Corporation
06035A121FAT2A AVX-06035A121FAT2A Datasheet
40Kb / 2P
   Part Number Explanation
logo
TriQuint Semiconductor
854927 TRIQUINT-854927_15 Datasheet
570Kb / 5P
   Part Number 854927
logo
Qualtek Electronics Cor...
Q2-F-364-01-QB48IN-25 QUALTEK-Q2-F-364-01-QB48IN-25 Datasheet
823Kb / 1P
   PART NUMBER GUIDE
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com