Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5161BRMZ10 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5161BRMZ10
Description  256-Position SPI/I2C Selectable Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5161BRMZ10 Datasheet(HTML) 3 Page - Analog Devices

  AD5161BRMZ10 Datasheet HTML 1Page - Analog Devices AD5161BRMZ10 Datasheet HTML 2Page - Analog Devices AD5161BRMZ10 Datasheet HTML 3Page - Analog Devices AD5161BRMZ10 Datasheet HTML 4Page - Analog Devices AD5161BRMZ10 Datasheet HTML 5Page - Analog Devices AD5161BRMZ10 Datasheet HTML 6Page - Analog Devices AD5161BRMZ10 Datasheet HTML 7Page - Analog Devices AD5161BRMZ10 Datasheet HTML 8Page - Analog Devices AD5161BRMZ10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD5161
Rev. B | Page 3 of 20
ELECTRICAL CHARACTERISTICS—5 kΩ VERSION
VDD = 5 V ± 10%, or 3 V ± 10%; VA = +VDD; VB = 0 V; –40°C < TA < +125°C; unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
R
WB, VA = no connect
−1.5
±0.1
+1.5
LSB
Resistor Integral Nonlinearity2
R-INL
R
WB, VA = no connect
–4
±0.75
+4
LSB
Nominal Resistor Tolerance3
∆R
AB
T
A = 25°C
–30
+30
%
Resistance Temperature Coefficient
∆R
AB/∆T
V
AB = VDD, Wiper = no connect
45
ppm/°C
Wiper Resistance
R
W
50
120
DC CHARACTERISTICS—POTENTIOMETER DIVIDER MODE (Specifications apply to all VRs)
Resolution
N
8
Bits
Differential Nonlinearity4
DNL
–1.5
±0.1
+1.5
LSB
Integral Nonlinearity4
INL
–1.5
±0.6
+1.5
LSB
Voltage Divider Temperature Coefficient
∆V
W/∆T
Code = 0x80
15
ppm/°C
Full-Scale Error
V
WFSE
Code = 0xFF
–6
–2.5
0
LSB
Zero-Scale Error
V
WZSE
Code = 0x00
0
+2
+6
LSB
RESISTOR TERMINALS
Voltage Range5
V
A,B,W
GND
V
DD
V
Capacitance6 A, B
C
A,B
f = 1 MHz, measured to GND,
Code = 0x80
45
pF
Capacitance6 W
C
W
f = 1 MHz, measured to GND,
Code = 0x80
60
pF
Shutdown Supply Current7
I
DD_SD
V
DD = 5.5 V
0.01
1
µA
Common-Mode Leakage
I
CM
V
A = VB = VDD/2
1
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
V
IH
2.4
V
Input Logic Low
V
IL
0.8
V
Input Logic High
V
IH
V
DD = 3 V
2.1
V
Input Logic Low
V
IL
V
DD = 3 V
0.6
V
Input Current
I
IL
V
IN = 0 V or 5 V
±1
µA
Input Capacitance6
C
IL
5
pF
POWER SUPPLIES
Power Supply Range
V
DD RANGE
2.7
5.5
V
Supply Current
I
DD
V
IH = 5 V or VIL = 0 V
3
8
µA
Power Dissipation8
P
DISS
V
IH = 5 V or VIL = 0 V, VDD = 5 V
0.2
mW
Power Supply Sensitivity
PSS
∆V
DD = +5 V ± 10%,
Code = Midscale
±0.02
±0.05
%/%
DYNAMIC CHARACTERISTICS6, 9
Bandwidth –3dB
BW_5K
R
AB = 5 kΩ, Code = 0x80
1.2
MHz
Total Harmonic Distortion
THD
W
V
A = 1 V rms, VB = 0 V, f = 1 kHz
0.05
%
V
W Settling Time
t
S
V
A = 5 V, VB = 0 V, ±1 LSB error band
1
µs
Resistor Noise Voltage Density
e
N_WB
R
WB = 2.5 kΩ, RS = 0
6
nV/√Hz


Similar Part No. - AD5161BRMZ10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
More results

Similar Description - AD5161BRMZ10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161 Datasheet
361Kb / 7P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161_15 Datasheet
503Kb / 20P
   256-Position SPI/IC Selectable Digital Potentiometer
REV. B
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com