Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5122A Datasheet(PDF) 27 Page - Analog Devices

Part No. AD5122A
Description  Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5122A Datasheet(HTML) 27 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
AD5123/AD5143
Rev. A | Page 27 of 28
OUTLINE DIMENSIONS
3.10
3.00 SQ
2.90
0.30
0.23
0.18
1.75
1.60 SQ
1.45
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
0.50
0.40
0.30
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.80
0.75
0.70
COMPLIANT TO JEDEC STANDARDS MO-220-WEED-6.
Figure 41. 16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
3 mm × 3 mm Body, Very Very Thin Quad
(CP-16-22)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
RAB (kΩ)
Resolution
Interface
Temperature Range
Package Description
Package Option
Branding
AD5123BCPZ10-RL7
10
128
I2C
−40°C to +125°C
16-Lead LFCSP_WQ
CP-16-22
DGZ
AD5123BCPZ100-RL7
100
128
I2C
−40°C to +125°C
16-Lead LFCSP_WQ
CP-16-22
DH0
AD5143BCPZ10-RL7
10
256
I2C
−40°C to +125°C
16-Lead LFCSP_WQ
CP-16-22
DH1
AD5143BCPZ100-RL7
100
256
I2C
−40°C to +125°C
16-Lead LFCSP_WQ
CP-16-22
DH2
EVAL-AD5143DBZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 The evaluation board is shipped with the 10 kΩ RAB resistor option; however, the board is compatible with all of the available resistor value options.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn