Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5122A Datasheet(PDF) 15 Page - Analog Devices

Part No. AD5122A
Description  Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5122A Datasheet(HTML) 15 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
AD5123/AD5143
Rev. A | Page 15 of 28
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AD5143 (AD5123)
0x80 (0x40)
0x40 (0x20)
0x20 (0x10)
0x10 (0x08)
0x8 (0x04)
0x4 (0x02)
0x2 (0x01)
0x1 (0x00)
0x00
Figure 17. 10 kΩ Gain vs. Frequency and Code
–100
–90
–80
–70
–60
–50
–40
20
200
2k
20k
200k
FREQUENCY (Hz)
10k
100k
VDD/VSS = ±2.5V
VA = 1V rms
VB = GND
CODE = HALF SCALE
NOISE FILTER = 22kHz
Figure 18. Total Harmonic Distortion Plus Noise (THD + N) vs. Frequency
–100
–80
–60
–40
–20
0
20
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
QUARTER SCALE
MIDSCALE
FULL-SCALE
VDD/VSS = ±2.5V
RAB = 10kΩ
Figure 19. Normalized Phase Flatness vs. Frequency, RAB = 10 kΩ
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0x80 (0x40)
0x40 (0x20)
0x20 (0x10)
0x10 (0x08)
0x8 (0x04)
0x4 (0x02)
0x2 (0x01)
0x1 (0x00)
0x00
AD5143 (AD5123)
Figure 20. 100 kΩ Gain vs. Frequency and Code
10k
100k
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.001
0.01
0.1
1
VOLTAGE (V rms)
VDD/VSS = ±2.5V
fIN = 1kHz
CODE = HALF SCALE
NOISE FILTER = 22kHz
Figure 21. Total Harmonic Distortion Plus Noise (THD + N) vs. Amplitude
–80
–90
–70
–60
–50
–40
–30
–20
–10
0
10
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
QUARTER SCALE
MIDSCALE
FULL-SCALE
VDD/VSS = ±2.5V
RAB = 100kΩ
Figure 22. Normalized Phase Flatness vs. Frequency, RAB = 100 kΩ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn