Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8X8ES2 Datasheet(PDF) 7 Page - Littelfuse

Part # S8X8ES2
Description  SxX8xSx EV Series 0.8A Sensitive SCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S8X8ES2 Datasheet(HTML) 7 Page - Littelfuse

  S8X8ES2 Datasheet HTML 1Page - Littelfuse S8X8ES2 Datasheet HTML 2Page - Littelfuse S8X8ES2 Datasheet HTML 3Page - Littelfuse S8X8ES2 Datasheet HTML 4Page - Littelfuse S8X8ES2 Datasheet HTML 5Page - Littelfuse S8X8ES2 Datasheet HTML 6Page - Littelfuse S8X8ES2 Datasheet HTML 7Page - Littelfuse S8X8ES2 Datasheet HTML 8Page - Littelfuse S8X8ES2 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
151
www.littelfuse.com
©2008 Littelfuse
Power Thyristor Databook
Teccor® brand Thyristors
Silicon Controlled Rectifiers
SxX8xSx EV Series 0.8A Sensitive SCR
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
SxX8ESy
SxX8ESy
0.170g
Bulk
2500
SxX8ESyAP
SxX8ESy
0.170g
Ammo Pack
2000
SxX8ESyRP
SxX8ESy
0.170g
Tape & Reel
2000
SxX8TSyRP
SxX8TSy
0.120g
Tape & Reel
1000
SxX8BSRP
xX8
0.053g
Tape & Reel
1000
Note: x = voltage, y = gate sensitivity
Part Number
Voltage
Gate Sensitivity
Package
400V
600V
800V
S4X8ES
X
200 μA
TO-92
S6X8ES
X
200 μA
TO-92
S8X8ES
X
200 μA
TO-92
S4X8TS
X
200 μA
SOT-223
S6X8TS
X
200 μA
SOT-223
S8X8TS
X
200 μA
SOT-223
S4X8BS
X
200 μA
SOT-89
S6X8BS
X
200 μA
SOT-89
S4X8ES1
X
5 μA
TO-92
S6X8ES1
X
5 μA
TO-92
S8X8ES1
X
5 μA
TO-92
S4X8TS1
X
5 μA
SOT-223
S6X8TS1
X
5 μA
SOT-223
S8X8TS1
X
5 μA
SOT-223
S4X8ES2
X
50 μA
TO-92
S6X8ES2
X
50 μA
TO-92
S8X8ES2
X
50 μA
TO-92
S4X8TS2
X
50 μA
SOT-223
S6X8TS2
X
50 μA
SOT-223
S8X8TS2
X
50 μA
SOT-223
Product Selector


Similar Part No. - S8X8ES2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8X8ES2 LITTELFUSE-S8X8ES2 Datasheet
240Kb / 9P
   EV Series 0.8A Sensitive SCR
S8X8ES2 LITTELFUSE-S8X8ES2 Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S8X8ES2 LITTELFUSE-S8X8ES2 Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
More results

Similar Description - S8X8ES2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8X8TS2RP LITTELFUSE-S8X8TS2RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S8X8TS1RP LITTELFUSE-S8X8TS1RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S6X8TS2RP LITTELFUSE-S6X8TS2RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S4X8BSRP LITTELFUSE-S4X8BSRP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S4X8ES LITTELFUSE-S4X8ES Datasheet
240Kb / 9P
   EV Series 0.8A Sensitive SCR
logo
Micro Electronics
MCR100 MICRO-ELECTRONICS-MCR100 Datasheet
81Kb / 2P
   0.8A SCR
logo
JIEJIE MICROELECTRONICS...
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
   0.8A SENSITIVE SCRs
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
   0.8A Sensitive SCRs
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com