Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP400GPZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP400GPZ
Description  Quad Low Offset, Low Power Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400GPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP400GPZ Datasheet HTML 2Page - Analog Devices OP400GPZ Datasheet HTML 3Page - Analog Devices OP400GPZ Datasheet HTML 4Page - Analog Devices OP400GPZ Datasheet HTML 5Page - Analog Devices OP400GPZ Datasheet HTML 6Page - Analog Devices OP400GPZ Datasheet HTML 7Page - Analog Devices OP400GPZ Datasheet HTML 8Page - Analog Devices OP400GPZ Datasheet HTML 9Page - Analog Devices OP400GPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP400
Data Sheet
Rev. H | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
3
2
1
0
0
1
2
3
5
4
TIME (Minutes)
TA = 25°C
VS = ±15V
Figure 4. Warmup Drift
70
60
50
40
30
20
10
–75
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
VS = ±15V
Figure 5. Input Offset Voltage vs. Temperature
2.0
0
0.4
0.8
1.2
1.6
–75
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
VS = ±15V
Figure 6. Input Bias Current vs. Temperature
120
80
90
100
110
–75
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
VS = ±15V
Figure 7. Input Offset Current vs. Temperature
1.1
0.6
0.7
0.8
0.9
1.0
–15
15
10
5
–5
0
–10
COMMON-MODE VOLTAGE (V)
Figure 8. Input Bias Current vs. Common-Mode Voltage
140
0
20
40
60
80
100
120
1
100k
10k
100
1k
10
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
Figure 9. Common-Mode Rejection vs. Frequency


Similar Part No. - OP400GPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP400GPZ AD-OP400GPZ Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
OP400GPZ AD-OP400GPZ Datasheet
340Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. H
More results

Similar Description - OP400GPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP400ATC AD-OP400ATC Datasheet
340Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. H
OP-400 AD-OP-400 Datasheet
372Kb / 12P
   QUAD LOW-OFFSET, LOW-POWER OPERATIONAL AMPLIFIER
OP400 AD-OP400_07 Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
OP400 AD-OP400 Datasheet
234Kb / 12P
   Quad Low-Offset, Low-Power Operational Amplifier
REV. A
logo
Maxwell Technologies
OP400 MAXWELL-OP400 Datasheet
386Kb / 10P
   Quad Low-Offset, Low-Power Operational Amplifier
logo
Analog Devices
OP400 AD-OP400_15 Datasheet
340Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com