Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TOP254PN Datasheet(PDF) 46 Page - Power Integrations, Inc.

Part No. TOP254PN
Description  Enhanced EcoSmart®, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP254PN Datasheet(HTML) 46 Page - Power Integrations, Inc.

Back Button TOP254PN Datasheet HTML 40Page - Power Integrations, Inc. TOP254PN Datasheet HTML 41Page - Power Integrations, Inc. TOP254PN Datasheet HTML 42Page - Power Integrations, Inc. TOP254PN Datasheet HTML 43Page - Power Integrations, Inc. TOP254PN Datasheet HTML 44Page - Power Integrations, Inc. TOP254PN Datasheet HTML 45Page - Power Integrations, Inc. TOP254PN Datasheet HTML 46Page - Power Integrations, Inc. TOP254PN Datasheet HTML 47Page - Power Integrations, Inc. TOP254PN Datasheet HTML 48Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Rev. F 01/09
46
TOP252-262
www.powerint.com
PI-4917-080808
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Dimensions noted are determined at the outermost
extremes of the plastic body exclusive of mold flash, tie
bar burrs, gate burrs, and interlead flash, but including
any mismatch between the top and bottom of the plastic body.
0.403 (10.24)
0.397 (10.08)
0.325 (8.25)
0.320 (8.13)
0.050 (1.27)
FRONT VIEW
2
2
B
A
0.070 (1.78) Ref.
Pin #1
I.D.
3
C
0.016 (0.41)
Ref.
0.290 (7.37)
Ref.
0.047 (1.19)
0.100 (2.54)
0.519 (13.18)
Ref.
0.177 (4.50) Ref.
0.224 (5.69) Ref.
0.118 (3.00)
3
0.140 (3.56)
0.120 (3.05)
0.021 (0.53)
0.019 (0.48)
0.378 (9.60)
Ref.
0.019 (0.48) Ref.
0.060 (1.52)
Ref.
0.048 (1.22)
0.046 (1.17)
0.081 (2.06)
0.077 (1.96)
0.207 (5.26)
0.187 (4.75)
0.033 (0.84)
0.028 (0.71)
0.016 (0.41)
0.011 (0.28)
eSIP-7C (E Package)
10
° Ref.
All Around
0.020 M 0.51 M C
0.010 M 0.25 M C A B
SIDE VIEW
MOUNTING HOLE PATTERN
(not to scale)
END VIEW
BACK VIEW
4
PIN 7
PIN 1
0.100 (2.54)
0.100 (2.54)
0.059 (1.50)
0.059 (1.50)
0.050 (1.27)
0.050 (1.27)
0.100 (2.54)
0.155 (3.93)
3. Dimensions noted are inclusive of plating thickness.
4. Does not include inter-lead flash or protrusions.
5. Controlling dimensions in inches (mm).
0.020 (0.50)
0.023 (0.58)
0.027 (0.70)
DETAIL A
Detail A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn