Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT1210BRC0710RL Datasheet(PDF) 4 Page - YAGEO Corporation

Part # RT1210BRC0710RL
Description  THIN FILM CHIP RESISTORS High precision - high stability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RT1210BRC0710RL Datasheet(HTML) 4 Page - YAGEO Corporation

  RT1210BRC0710RL Datasheet HTML 1Page - YAGEO Corporation RT1210BRC0710RL Datasheet HTML 2Page - YAGEO Corporation RT1210BRC0710RL Datasheet HTML 3Page - YAGEO Corporation RT1210BRC0710RL Datasheet HTML 4Page - YAGEO Corporation RT1210BRC0710RL Datasheet HTML 5Page - YAGEO Corporation RT1210BRC0710RL Datasheet HTML 6Page - YAGEO Corporation RT1210BRC0710RL Datasheet HTML 7Page - YAGEO Corporation RT1210BRC0710RL Datasheet HTML 8Page - YAGEO Corporation RT1210BRC0710RL Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Oct 21, 2009 V.4
Product specification
4
10
SERIES
RT
0402 to 2512 (RoHS Compliant)
protective coat
marking layer
resistive layer
inner electrode
termination (Ni / matte tin)
ceramic substrate
H
I2
YNSC064
W
L
I1
MARKING
RT0805 / RT1206 / RT1210 / RT2010 / RT2512
Either resistance in E-24 or E-96: 4 digits
First three digits for significant figure and 4th digit for number of zeros
RT0603
E-24 series: 3 digits
First two digits for significant figure and 3rd digit for number of zeros
E-96 series: 3 digits for 0603±1% EIA-96 marking method
RT0402 / RESISTANCE VALUE IS NOT IN E-24 / E96 SERIES
No marking
For further marking information, please see special data sheet “Chip resistors marking”.
Fig. 1 Value = 10 kΩ
YNSC004
00
Fig. 2 Value = 12 kΩ
ynsc015
Fig. 3 Value = 12.4 kΩ
Fig. 4
ynsc007
Fig. 5 Chip resistor outlines
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
CONSTRUCTION
The resistors are constructed out of a high-grade ceramic
body. Internal metal electrodes are added at each end and
connected by a resistive layer. The resistive layer is adjusted
to give the approximate required resistance and laser cutting
of this resistive layer that achieves tolerance trims the value.
The resistive layer is covered with a protective coat and
printed with the resistance value. Finally, the two external
terminations (matte tin) are added. See fig. 5.
DIMENSION
TYPE
L (mm) W (mm)
H (mm)
I1 (mm)
I2 (mm)
RT0402 1.00 ±0.10 0.50 ±0.05 0.30 ±0.05 0.20 ±0.10 0.25 ±0.10
RT0603 1.60 ±0.10 0.80 ±0.10 0.45 ±0.10 0.25 ±0.15 0.25 ±0.15
RT0805 2.00 ±0.10 1.25 ±0.10 0.50 ±0.10 0.35 ±0.20 0.35 ±0.20
RT1206 3.10 ±0.10 1.60 ±0.10 0.55 ±0.10 0.45 ±0.20 0.40 ±0.20
RT1210 3.10 ±0.10 2.60 ±0.15 0.55 ±0.10 0.50 ±0.20 0.50 ±0.20
RT2010 5.00 ±0.10 2.50 ±0.15 0.55 ±0.10 0.60 ±0.20 0.50 ±0.20
RT2512 6.35 ±0.10 3.20 ±0.15 0.55 ±0.10 0.60 ±0.20 0.50 ±0.20
Table 1 For outlines see fig. 5


Similar Part No. - RT1210BRC0710RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT1210BRC0710KL YAGEO-RT1210BRC0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
More results

Similar Description - RT1210BRC0710RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT0603FRE0710KL YAGEO-RT0603FRE0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805FRE076K8L YAGEO-RT0805FRE076K8L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0603BRD073K57L YAGEO-RT0603BRD073K57L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K01L YAGEO-RT1206FRE073K01L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K9L YAGEO-RT1206FRE073K9L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0100LRA07XXXXL YAGEO-RT0100LRA07XXXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT0603FRE07470RL YAGEO-RT0603FRE07470RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805DRE07820RL YAGEO-RT0805DRE07820RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE072KL YAGEO-RT1206FRE072KL Datasheet
392Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K3L YAGEO-RT1206FRE073K3L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com