Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY254G Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # TNY254G
Description  Energy Efficient, Low Power Off-line Switchers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY254G Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button TNY254G Datasheet HTML 10Page - Power Integrations, Inc. TNY254G Datasheet HTML 11Page - Power Integrations, Inc. TNY254G Datasheet HTML 12Page - Power Integrations, Inc. TNY254G Datasheet HTML 13Page - Power Integrations, Inc. TNY254G Datasheet HTML 14Page - Power Integrations, Inc. TNY254G Datasheet HTML 15Page - Power Integrations, Inc. TNY254G Datasheet HTML 16Page - Power Integrations, Inc. TNY254G Datasheet HTML 17Page - Power Integrations, Inc. TNY254G Datasheet HTML 18Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
TNY253/254/255
15
Rev E
02/12
PI-2076-040110
1
A
K
J1
4
L
G
8
5
C
N
PDIP-8 (P Package)
D S .004 (.10)
J2
-E-
-D-
B
-F-
DIM
A
B
C
G
H
J1
J2
K
L
M
N
P
Q
Inches
0.367-0.387
0.240-0.260
0.125-0.145
0.015-0.040
0.120-0.140
0.057-0.068
0.014-0.022
0.008-0.015
0.100 BSC
0.030 (MIN)
0.300-0.320
0.300-0.390
0.300 BSC
mm
9.32-9.83
6.10-6.60
3.18-3.68
0.38-1.02
3.05-3.56
1.45-1.73
0.36-0.56
0.20-0.38
2.54 BSC
0.76 (MIN)
7.62-8.13
7.62-9.91
7.62 BSC
Notes:
1. Package dimensions conform to JEDEC
specification MS-001-AB for standard dual in-line
(DIP) package .300 inch row spacing (PLASTIC)
8 leads (issue B, 7/85).
2. Controlling dimensions are inches.
3. Dimensions shown do not include mold flash
or other protrusions. Mold flash or protrusions
shall not exceed .006 (.15) on any side.
4. D, E and F are reference datums on the molded
body.
H
M
P
Q
P08A
Typical Performance Characteristics (Continued)
100
1
0
600
DRAIN Voltage (V)
COSS vs. DRAIN VOLTAGE
10
200
400
TNY253
1.00
TNY254
1.00
TNY255
1.33
Scaling Factors:
50
30
40
10
20
0
0
200
400
600
DRAIN Voltage (V)
DRAIN CAPACITANCE POWER
TNY253
1.00
TNY254
1.00
TNY255
1.33
Scaling Factors:


Similar Part No. - TNY254G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY254G POWERINT-TNY254G Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
TNY254G POWERINT-TNY254G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254G POWERINT-TNY254G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254G POWERINT-TNY254G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254G POWERINT-TNY254G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
More results

Similar Description - TNY254G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253GN-TL POWERINT-TNY253GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
   Energy Efficient, Low Power Off-line Switchers
TNY253PN POWERINT-TNY253PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255PN POWERINT-TNY255PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253GN POWERINT-TNY253GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN-TL POWERINT-TNY255GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254PN POWERINT-TNY254PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253 POWERINT-TNY253_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
August 2016
TNY253 POWERINT-TNY253 Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com