Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P21BN300M5ST Datasheet(PDF) 3 Page - Dielectric Laboratories, Inc.

Part # P21BN300M5ST
Description  Milli.Cap: The Ideal SMT Capacitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

P21BN300M5ST Datasheet(HTML) 3 Page - Dielectric Laboratories, Inc.

  P21BN300M5ST Datasheet HTML 1Page - Dielectric Laboratories, Inc. P21BN300M5ST Datasheet HTML 2Page - Dielectric Laboratories, Inc. P21BN300M5ST Datasheet HTML 3Page - Dielectric Laboratories, Inc. P21BN300M5ST Datasheet HTML 4Page - Dielectric Laboratories, Inc. P21BN300M5ST Datasheet HTML 5Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.
2.
3.
4.
Recommended Micro‐Strip Layout:
Attachment Method:
Isopropanol and Methanol are both safe to use with soldered Milli‐Caps ®
Reflow according to the solder manufacturer's preferred profile, ensuring the 
reflow temperature does not exceed 250°C.
After the reflow step is completed, inspect the joint for voids or excess flux and 
non‐reflowed solder balls that can degrade performance or cause shorts across the 
gaps.  Proper cleaning after the reflow process is crucial to avoiding performance 
degradation and discovering poor solder joints.
Recommended Attachment to Soft or Hard Substrate Using Solder:
Place a single drop of solder paste onto each micro‐strip line as illustrated.  The 
edge of the solder paste shall be at least 0.001"‐0.002" back from the edge of the 
trace to prevent filling the gap with solder.
Centering the termination gap of the capacitor within the gap in the micro‐strip, 
press with careful, even pressure onto the micro‐strip ensuring the terminations 
make good contact with the drops of solder paste.
   Recommended Attachment Methods (Continued)
Distance from Trace Edge:
.001” - .002”
Ideal Micro Strip Width:
.012” - .015”
Gap:
.008” - .010”
Solder Diameter:
.010 - .015”)
Solder Thickness:
.004” - .006”


Similar Part No. - P21BN300M5ST

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
P21BN300M5S KNOWLES-P21BN300M5S Datasheet
807Kb / 2P
   Milli-Cap짰 Ideal SMT Capacitor
More results

Similar Description - P21BN300M5ST

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
P21BN300M5S KNOWLES-P21BN300M5S Datasheet
807Kb / 2P
   Milli-Cap짰 Ideal SMT Capacitor
logo
NEC
GT110D NEC-GT110D Datasheet
904Kb / 2P
   The ideal first server
logo
Analog Devices
HMC339 AD-HMC339 Datasheet
416Kb / 8P
   The HMC339 is ideal for
logo
Micross Components
HMC144 MICROSS-HMC144 Datasheet
822Kb / 11P
   The HMC143 & HMC144 is ideal for
logo
JMK Inc.
ZF-1954-15 JMK-ZF-1954-15 Datasheet
33Kb / 1P
   The ZF1954-15 is ideal for the military and TEMPEST environments.
logo
PHOENIX CONTACT
0804195 PHOENIX-0804195 Datasheet
57Kb / 3P
   The EML-RM label is ideal for temporary marking.
logo
Lumileds Lighting Compa...
PB173 LUMILEDS-PB173 Datasheet
1Mb / 2P
   Creating the ideal ambiance for restaurants and other hospitality venues
logo
Omron Electronics LLC
XM3 OMRON-XM3 Datasheet
3Mb / 14P
   The D-sub Connector are Ideal for Office Automation Interfacing
logo
MERITEK ELECTRONICS COR...
PECS MERITEK-PECS Datasheet
927Kb / 2P
   Conductive Polymer Aluminum Solid Capacitor (SMT)
logo
Surge Components
SPH2G331MND3045 SURGE-SPH2G331MND3045 Datasheet
263Kb / 2P
   The capacitor can be inserted into the PCB board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com