Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK304-306 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # LNK304-306
Description  LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK304-306 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  LNK304-306 Datasheet HTML 1Page - Power Integrations, Inc. LNK304-306 Datasheet HTML 2Page - Power Integrations, Inc. LNK304-306 Datasheet HTML 3Page - Power Integrations, Inc. LNK304-306 Datasheet HTML 4Page - Power Integrations, Inc. LNK304-306 Datasheet HTML 5Page - Power Integrations, Inc. LNK304-306 Datasheet HTML 6Page - Power Integrations, Inc. LNK304-306 Datasheet HTML 7Page - Power Integrations, Inc. LNK304-306 Datasheet HTML 8Page - Power Integrations, Inc. LNK304-306 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2-5
LNK302/304-306
5
Rev. I 11/08
Figure 6a. Recommended Printed Circuit Layout for LinkSwitch-TN in a Buck Converter Configuration using P or G Package.
cycles are skipped. To provide overload protection if no cycles
are skipped during a 50 ms period, LinkSwitch-TN will enter
auto-restart (LNK304-306), limiting the average output power
to approximately 6% of the maximum overload power. Due to
tracking errors between the output voltage and the voltage across
C3 at light load or no load, a small pre-load may be required
(R4). For the design in Figure 5, if regulation to zero load is
required, then this value should be reduced to 2.4 k
Ω.
Key Application Considerations
LinkSwitch-TN Design Considerations
Output Current Table
Data sheet maximum output current table (Table 1) represents
the maximum practical continuous output current for both
mostlydiscontinuousconductionmode(MDCM)andcontinuous
conduction mode (CCM) of operation that can be delivered from
a given LinkSwitch-TN device under the following assumed
conditions:
1) Buck converter topology.
2) The minimum DC input voltage is ≥70 V. The value of
input capacitance should be large enough to meet this
criterion.
3) For CCM operation a KRP* of 0.4.
4) Output voltage of 12 VDC.
5) Efficiency of 75%.
6) A catch/freewheeling diode with t
rr ≤75 ns is used for
MDCM operation and for CCM operation, a diode with
t
rr ≤35 ns is used.
7) The part is board mounted with SOURCE pins soldered
to a sufficient area of copper to keep the SOURCE pin
temperature at or below 100
°C.
*KRP is the ratio of ripple to peak inductor current.
LinkSwitch-TN Selection and Selection Between
MDCM and CCM Operation
Select the LinkSwitch-TN device, freewheeling diode and output
inductor that gives the lowest overall cost. In general, MDCM
+
PI-3750-121106
C2
L1
L2
R1
R3
RF1
D3
D4
D2
D1
C1
C3
C5
C4
Optimize hatched copper areas (
) for heatsinking and EMI.
D
S
S
FB
BP
S
S
LinkSwitch-TN
AC
INPUT
DC
OUTPUT
Figure 6b. Recommended Printed Circuit Layout for LinkSwitch-TN in a Buck Converter Configuration using D Package
to Bottom Side of the Board.
AC
INPUT
+
DC
OUTPUT
PI-4546-011807
Optimize hatched copper areas (
) for heatsinking and EMI.
S
S
S
S
BP
FB
D1
C2
R3
RF1
D3
D4
D2
R1
C1
C4
C5
C3
L2
L1
D


Similar Part No. - LNK304-306

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
LNK304-306 FERYSTER-LNK304-306 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results

Similar Description - LNK304-306

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN-TL POWERINT-LNK305GN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
   LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com