Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSC1570060090 Datasheet(PDF) 2 Page - AVX Corporation

Part # TPSC1570060090
Description  Low ESR series of robust Mn02 solid electrolyte capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC1570060090 Datasheet(HTML) 2 Page - AVX Corporation

  TPSC1570060090 Datasheet HTML 1Page - AVX Corporation TPSC1570060090 Datasheet HTML 2Page - AVX Corporation TPSC1570060090 Datasheet HTML 3Page - AVX Corporation TPSC1570060090 Datasheet HTML 4Page - AVX Corporation TPSC1570060090 Datasheet HTML 5Page - AVX Corporation TPSC1570060090 Datasheet HTML 6Page - AVX Corporation TPSC1570060090 Datasheet HTML 7Page - AVX Corporation TPSC1570060090 Datasheet HTML 8Page - AVX Corporation TPSC1570060090 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TPS Series
Low ESR
Released codes (M tolerance only)
Engineering samples - please contact manufacturer
*Codes under development - subject to change
ESR limits quoted in brackets (milliohms)
NOTE: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code 2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.15
154
A(9000)
0.22
224
A(6000)
A(7000)
0.33
334
A(6000)
A(7000)
0.47
474
A(7000)
A(6000)
A(6500), B(6000)
B(4000)
C(2300)
0.68
684
A(6000)
A(6000)
B(4000)
1.0
105
R(9000)
A(6200)
A(3000), R(6000)
A(4000)
A(3000)
B(3000)
S(6000), T(2000)
R(2500,4000)
B(2000)
C(2500)
1.5
155
A(3000)
A(3000)
A(3000)
C(1500,2000)
B(1800)
B(2500)
2.2
225
R(7000)
A(1800)
A(1800,3500)
A(3000), B(1700)
A(2500)
A(1500), B(750,
C(1500)
T(2000)
B(900,1200,2500)
1500,2000), C(1000)
D(1200)
3.3
335
A(2100)
T(1500)
A(3500), B(2500)
A(2500)
A(1000,1500)
B(1000)
C(1000)
B(1300)
B(750,1500,2000)
C(700)
D(800)
4.7
475
S(4000)
A(1400), B(1400)
A(2000)
A(1800)
B(700,900,1500)
B(700,1500)
C(800)
R(3000,5000)
B(800,1500)
B(750,1000)
C(700)
C(600), D(700)
D(300,500,700)
A(1000)
6.8
685
A(1800)
A(1800), (B1300)
A(1500)
B(600,1000)
B(700)
C(350)
D(200, 300,
T(1800)
B(600,1200)
C(700)
C(500,600,700)
D(150,400,500)
500,600)
A(1500), B(1500)
A(900,1800), B(1000)
A(1000), B(500,800)
B(500,1000)
B(1800)
C(600)
D(500)
10
106
R(3000)
R(1000,1500,3000)
P(2000)(M), S(900)
C(500), T(800,1000)
C(500,700)
C(300,500)
D(125,300)
E(250,300,
T(1000)
T(1000,2000)
W(500,600)
W(250, 500)
D(500)
E(200), Y(250)
400,500)
A(1000)
B(500)
C(220,300)
C(350,450)
E(250)
15
156
A(700,1500)
B(450,600), C(700)
B(500,800), C(700)
C(400,450)
D(100,300)
D(100,300)
V(250)
T(1200)
Y(250)
A(500,900)
A(900)
B(400,600)
B(400,600)
D(125,200,300,400)
22
226
B(375,600)
B(400,500,700)
C(150,250,300,375)
C(100,150,400)
C(275,400)
E(125,200,300)
C(500), S(900)
C(300), T(800)
D(700), W(500)
D(200,300)
D(100,200,300)
Y(200)
A(700)
B(350,500)
D(100,200,300)
A(600)
B(250,425,500,650)
C(100,150,225,300)
C(300)
E(100,175,
D(200,300)
33
336
B(250,350,450,600)
C(150,375,500)
D(200), W(140,175,
D(100,200)
200,300)
E(100,250,300)
T(800)
W(350)
250,400,500)
Y(200)
V(200)
Y(300,400)
A(800)
B(250,350,500,650)
C(110,350)
D(75,100,200)
47
476
A(500)
B(250,350,500)
C(200,350)
D(80,100,150,200)
E(70,125,150,
D(125,150,250)
E(200,250)
C(300), T(1200)
D(100,300)
W(200)
200,250)
E(80,100,125)
V(150,200)
W(125,150,250)
X(180), Y(250)
B(600)
C(125,200)
B(250,350,500)
C(80,100,200,300)
D(70,100,150)
D(70,150,
E(125,200)
68
686
C(150,200)
D(100,150), W(100,150)
F(200), X(150)
200,300)
V(80,95,150,200)
V(150,200)
W(110,125,250)
Y(100,200)
Y(150,200,250)
E(125,150,200)
B(400)(M)
C(200)
B(200,250,
B(250,400)
C(75,100,150,200)
D(60,100,125,150)
D(85,100,150)
100
107
B(200)
350,500)
C(75,150), D(300)
D(50,65,80,100,125,
E(55,100,125,150)
E(100,150,200)
E(150)
(M), V(100)
W(100)
W(100,150)
150), E(125) W(150)
F(150,200)(M)
V(60,85,100,200)
Y(100)
X(85,150,200)
Y(100,150,200)
Y(100,150,200)
B(250)
C(50,90,150,200,250)
C(150), D(50,85,100),
D(60,85,100,125,150)
150
157
B(150)
C(70,80)
D(50,125),
E(100), F(200), X(100)(M)
E(100), V(45,75)
V(80)
V(150)
(M)
Y(40,50)
Y(100,150,200)
Y(200)(M)
B(150,
C(70,100,125,250)
D(40,50,100,150)
220
227
200,600)
D(40,50,100)
D(50,100,125)
E(50,60,70,100,
E(100,150)
D(45)
Y(40,50,75)
E(100), F(200)
125,150)
V(50,75,100,150)
Y(100,150)
Y(100,150,200)
C(100)
C(80,100)
330
337
Y(40)
D(35,45,100)
D(45,50,70,100)
D(50,65,100,150)
E(200)(M)
F(200)
E(50,100,125,150)
E(40,50,60,100)
X(100)
V(100), Y(100,150)
V(40,60,100)
D(35)
D(45,60,100,200)
470
477
F(200)
D(45,100)
E(45,50,60,100,200)
E(45,50,60,100,200)
Y(100)
E(35,45,100)
V(40,55,100), Y(150)
V(40,60,100)
D(35,50)
D(45,60,100)
E(45,60,100)
680
687
E(35,50)
E(40,60,100)
V(35,40,50)
Y(100)
1000
108
E(30,40)
E(40,60)
E(100)(M), V(40,50)(M)
Y(100)(M) V(25,35,40,50)
1500
158
D(100)
E(50,75)
E(50)
V(50,75)(M)
V(30,40)(M)
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)
31


Similar Part No. - TPSC1570060090

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC1570040070 AVX-TPSC1570040070 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSC1570040070 AVX-TPSC1570040070 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSC1570040070 AVX-TPSC1570040070 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSC1570040070 AVX-TPSC1570040070 Datasheet
163Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSC1570040070 AVX-TPSC1570040070 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
More results

Similar Description - TPSC1570060090

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSB226M016R0600 AVX-TPSB226M016R0600 Datasheet
199Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV107K020R0200 AVX-TPSV107K020R0200 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD107K016S0125 AVX-TPSD107K016S0125 Datasheet
162Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD226K025R0200 AVX-TPSD226K025R0200 Datasheet
159Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD227K010R0150 AVX-TPSD227K010R0150 Datasheet
162Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD227M010R0050 AVX-TPSD227M010R0050 Datasheet
205Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV107K025R0100 AVX-TPSV107K025R0100 Datasheet
197Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSX107K010R0150 AVX-TPSX107K010R0150 Datasheet
169Kb / 12P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSC227K006R0125 AVX-TPSC227K006R0125 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSE337K010R0100 AVX-TPSE337K010R0100 Datasheet
163Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com