Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF533SBBC-5V Datasheet(PDF) 24 Page - Analog Devices

Part # ADSP-BF533SBBC-5V
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBBC-5V Datasheet(HTML) 24 Page - Analog Devices

Back Button ADSP-BF533SBBC-5V Datasheet HTML 20Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 21Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 22Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 23Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 24Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 25Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 26Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 27Page - Analog Devices ADSP-BF533SBBC-5V Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
Rev. I
|
Page 24 of 64
|
August 2013
ADSP-BF531/ADSP-BF532/ADSP-BF533
Table 16. Activity Scaling Factors
IDDINT Power Vector
1
Activity Scaling Factor (ASF)
2
IDD-PEAK
1.27
IDD-HIGH
1.25
IDD-TYP
1.00
IDD-APP
0.86
IDD-NOP
0.72
IDD-IDLE
0.41
1 See EE-229 for power vector definitions.
2 All ASF values determined using a 10:1 CCLK:SCLK ratio.
Table 17. Dynamic Current (mA, with ASF = 1.0)1
Voltage (VDDINT)
2
Frequency
(MHz)
2
0.80 V 0.85 V 0.90 V 0.95 V 1.00 V 1.05 V 1.10 V 1.15 V 1.20 V 1.25 V 1.30 V 1.32 V 1.375 V
1.43 V 1.45 V
50
12.7
13.9
15.3
16.8
18.1
19.4
21.0
22.3
24.0
25.4
26.4
27.2
28.7
30.3
30.7
100
22.6
24.2
26.2
28.1
30.1
31.8
34.7
36.2
38.4
40.5
43.0
43.4
45.7
47.9
48.9
200
40.8
44.1
46.9
50.3
53.3
56.9
59.9
63.1
66.7
70.2
73.8
75.0
78.7
82.4
84.6
250
50.1
53.8
57.2
61.4
64.7
68.9
72.9
76.8
81.0
85.1
89.3
90.8
95.2
99.6
102.0
300
N/A
63.5
67.4
72.4
76.2
81.0
85.9
90.6
95.2
100.0
104.8
106.6
111.8
116.9
119.4
375
N/A
N/A
N/A
88.6
93.5
99.0
104.6
110.3
116.0
122.1
128.0
130.0
136.2
142.4
145.5
400
N/A
N/A
N/A
93.9
99.3
105.0
110.8
116.8
123.0
129.4
135.7
137.9
144.6
151.2
154.3
425
N/A
N/A
N/A
N/A
N/A
111.0
117.3
123.5
129.9
136.8
143.2
145.6
152.6
159.7
162.8
475
N/A
N/A
N/A
N/A
N/A
N/A
130.3
136.8
143.8
151.4
158.1
161.1
168.9
176.6
179.7
500
N/A
N/A
N/A
N/A
N/A
N/A
N/A
143.5
150.7
158.7
165.6
168.8
177.0
185.2
188.2
533
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
160.4
168.8
176.5
179.6
188.2
196.8
200.5
600
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
196.2
199.6
209.3
219.0
222.6
1 The values are not guaranteed as stand-alone maximum specifications, they must be combined with static current per the equations of Electrical Characteristics on Page 22.
2 Valid temperature and voltage ranges are model-specific. See Operating Conditions on Page 20.


Similar Part No. - ADSP-BF533SBBC-5V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-5V AD-ADSP-BF533SBBC-5V Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF533SBBC-5V AD-ADSP-BF533SBBC-5V Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. H
More results

Similar Description - ADSP-BF533SBBC-5V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com