Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533SBBC500 Datasheet(PDF) 22 Page - Analog Devices

Part No. ADSP-BF533SBBC500
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADSP-BF533SBBC500 Datasheet(HTML) 22 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
Rev. I
|
Page 22 of 64
|
August 2013
ADSP-BF531/ADSP-BF532/ADSP-BF533
ELECTRICAL CHARACTERISTICS
400 MHz
1
1 Applies to all 400 MHz speed grade models. See Ordering Guide on Page 63.
500 MHz/533 MHz/600 MHz
2
2 Applies to all 500 MHz, 533 MHz, and 600 MHz speed grade models. See Ordering Guide on Page 63.
Parameter
Test Conditions
Min
Typical
Max
Min
Typical
Max
Unit
VOH
High Level
Output Voltage3
3 Applies to output and bidirectional pins.
VDDEXT = 1.75 V, IOH = –0.5 mA
VDDEXT = 2.25 V, IOH = –0.5 mA
VDDEXT = 3.0 V, IOH = –0.5 mA
1.5
1.9
2.4
1.5
1.9
2.4
V
V
V
VOL
Low Level
Output Voltage
3
VDDEXT = 1.75 V, IOL = 2.0 mA
VDDEXT = 2.25 V/3.0 V,
IOL =2.0 mA
0.2
0.4
0.2
0.4
V
V
IIH
High Level Input
Current4
4 Applies to input pins except JTAG inputs.
VDDEXT = Max, VIN = VDD Max
10.0
10.0
μA
IIHP
High Level Input
Current JTAG
5
VDDEXT = Max, VIN = VDD Max
50.0
50.0
μA
IIL
6
Low Level Input
Current
4
VDDEXT = Max, VIN = 0 V
10.0
10.0
μA
IOZH
Three-State
Leakage
Current
7
VDDEXT = Max, VIN = VDD Max
10.0
10.0
μA
IOZL
6
Three-State
Leakage
Current7
VDDEXT = Max, VIN = 0 V
10.0
10.0
μA
CIN
Input
Capacitance
8
fIN = 1 MHz, TAMBIENT = 25°C,
VIN = 2.5 V
489
489
pF
IDDDEEPSLEEP
10 V
DDINT Current in
Deep Sleep
Mode
VDDINT = 1.0 V, fCCLK = 0 MHz,
TJ = 25°C, ASF = 0.00
7.5
32.5
mA
IDDSLEEP
VDDINT Current in
Sleep Mode
VDDINT = 0.8 V, TJ = 25°C,
SCLK = 25 MHz
10
37.5
mA
IDD-TYP
11
VDDINT Current
VDDINT = 1.14 V, fCCLK = 400 MHz,
TJ = 25°C
125
152
mA
IDD-TYP
11
VDDINT Current
VDDINT = 1.2 V, fCCLK = 500 MHz,
TJ = 25°C
190
mA
IDD-TYP
11
VDDINT Current
VDDINT = 1.2 V, fCCLK = 533 MHz,
TJ = 25°C
200
mA
IDD-TYP
11
VDDINT Current
VDDINT = 1.3 V, fCCLK = 600 MHz,
TJ = 25°C
245
mA
IDDHIBERNATE
10 V
DDEXT Current in
Hibernate State
VDDEXT = 3.6 V, CLKIN = 0 MHz,
TJ = Max, voltage regulator off
(VDDINT = 0 V)
50
100
50
100
A
IDDRTC
VDDRTC Current
VDDRTC = 3.3 V, TJ = 25
°C20
20
A
IDDDEEPSLEEP
10 V
DDINT Current in
Deep Sleep
Mode
fCCLK = 0 MHz
6
Table 15
16
Table 14
mA
IDD-INT
VDDINT Current
fCCLK > 0 MHz
IDDDEEPSLEEP
+(Table 17
 ASF)
IDDDEEPSLEEP
+(Table 17
 ASF)
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn