Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533SBBC500 Datasheet(PDF) 58 Page - Analog Devices

Part No. ADSP-BF533SBBC500
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBBC500 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADSP-BF533SBBC500 Datasheet HTML 54Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 55Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 56Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 57Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 58Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 59Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 60Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 61Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
Rev. I
|
Page 58 of 64
|
August 2013
ADSP-BF531/ADSP-BF532/ADSP-BF533
OUTLINE DIMENSIONS
Dimensions in the outline dimension figures are shown in
millimeters.
Figure 64. 176-Lead Low Profile Quad Flat Package [LQFP]
(ST-176-1)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MS-026-BGA
TOP VIEW
(PINS DOWN)
133
1
132
45
44
88
89
176
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
1.60
MAX
0.75
0.60
0.45
VIEW A
PIN 1
1.45
1.40
1.35
0.15
0.05
0.20
0.09
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
3.5°
26.20
26.00 SQ
25.80
24.20
24.00 SQ
23.80


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn