Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533SBBC500 Datasheet(PDF) 49 Page - Analog Devices

Part No. ADSP-BF533SBBC500
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBBC500 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADSP-BF533SBBC500 Datasheet HTML 45Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 46Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 47Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 48Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 49Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 50Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 51Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 52Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
ADSP-BF531/ADSP-BF532/ADSP-BF533
Rev. I
|
Page 49 of 64
|
August 2013
THERMAL CHARACTERISTICS
To determine the junction temperature on the application
printed circuit board, use:
where:
TJ = Junction temperature (°C).
TCASE = Case temperature (°C) measured by customer at top
center of package.
JT = From Table 38 through Table 40.
PD = Power dissipation (see the power dissipation discussion
and the tables on 23 for the method to calculate PD).
Values of JA are provided for package comparison and printed
circuit board design considerations. JA can be used for a first
order approximation of TJ by the equation:
where:
TA = ambient temperature (°C).
In Table 38 through Table 40, airflow measurements comply
with JEDEC standards JESD51–2 and JESD51–6, and the junc-
tion-to-board measurement complies with JESD51–8. The
junction-to-case measurement complies with MIL-STD-883
(Method 1012.1). All measurements use a 2S2P JEDEC test
board.
Thermal resistance JA in Table 38 through Table 40 is the figure
of merit relating to performance of the package and board in a
convective environment. JMA represents the thermal resistance
under two conditions of airflow. JT represents the correlation
between TJ and TCASE.
TJ
TCASE
JT
PD

+
=
TJ
TA
JA
PD

+
=
Table 38. Thermal Characteristics for BC-160 Package
Parameter
Condition
Typical
Unit
JA
0 Linear m/s Airflow
27.1
°C/W
JMA
1 Linear m/s Airflow
23.85
°C/W
JMA
2 Linear m/s Airflow
22.7
°C/W
JC
Not Applicable
7.26
°C/W
JT
0 Linear m/s Airflow
0.14
°C/W
JT
1 Linear m/s Airflow
0.26
°C/W
JT
2 Linear m/s Airflow
0.35
°C/W
Table 39. Thermal Characteristics for ST-176-1 Package
Parameter
Condition
Typical
Unit
JA
0 Linear m/s Airflow
34.9
°C/W
JMA
1 Linear m/s Airflow
33.0
°C/W
JMA
2 Linear m/s Airflow
32.0
°C/W
JT
0 Linear m/s Airflow
0.50
°C/W
JT
1 Linear m/s Airflow
0.75
°C/W
JT
2 Linear m/s Airflow
1.00
°C/W
Table 40. Thermal Characteristics for B-169 Package
Parameter
Condition
Typical
Unit
JA
0 Linear m/s Airflow
22.8
°C/W
JMA
1 Linear m/s Airflow
20.3
°C/W
JMA
2 Linear m/s Airflow
19.3
°C/W
JC
Not Applicable
10.39
°C/W
JT
0 Linear m/s Airflow
0.59
°C/W
JT
1 Linear m/s Airflow
0.88
°C/W
JT
2 Linear m/s Airflow
1.37
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn