Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF533SBBZ500 Datasheet(PDF) 38 Page - Analog Devices

Part # ADSP-BF533SBBZ500
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBBZ500 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADSP-BF533SBBZ500 Datasheet HTML 34Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 35Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 36Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 37Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 38Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 39Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 40Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 41Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
Rev. I
|
Page 38 of 64
|
August 2013
ADSP-BF531/ADSP-BF532/ADSP-BF533
Serial Peripheral Interface (SPI) Port—Master Timing
Table 32. Serial Peripheral Interface (SPI) Port—Master Timing
VDDEXT = 1.8 V
LQFP/PBGA Packages
VDDEXT = 1.8 V
CSP_BGA Package
VDDEXT = 2.5 V/3.3 V
All Packages
Parameter
Min
Max
Min
Max
Min
Max
Unit
Timing Requirements
tSSPIDM
Data Input Valid to SCK Edge (Data Input Setup) 10.5
9
7.5
ns
tHSPIDM SCK Sampling Edge to Data Input Invalid
–1.5
–1.5
–1.5
ns
Switching Characteristics
tSDSCIM SPISELx Low to First SCK Edge
2 × tSCLK – 1.5
2 × tSCLK – 1.5
2 × tSCLK – 1.5
ns
tSPICHM Serial Clock High Period
2 × tSCLK – 1.5
2 × tSCLK – 1.5
2 × tSCLK – 1.5
ns
tSPICLM
Serial Clock Low Period
2 × tSCLK – 1.5
2 × tSCLK – 1.5
2 × tSCLK – 1.5
ns
tSPICLK
Serial Clock Period
4 × tSCLK – 1.5
4 × tSCLK – 1.5
4 × tSCLK – 1.5
ns
tHDSM
Last SCK Edge to SPISELx High
2 × tSCLK – 1.5
2 × tSCLK – 1.5
2 × tSCLK – 1.5
ns
tSPITDM
Sequential Transfer Delay
2 × tSCLK – 1.5
2 × tSCLK – 1.5
2 × tSCLK – 1.5
ns
tDDSPIDM SCK Edge to Data Out Valid (Data Out Delay)
6
6
6
ns
tHDSPIDM SCK Edge to Data Out Invalid (Data Out Hold)
–1.0
–1.0
–1.0
ns
Figure 27. Serial Peripheral Interface (SPI) Port—Master Timing
tSDSCIM
tSPICLK
tHDSM
tSPITDM
tSPICLM
tSPICHM
tHDSPIDM
tHSPIDM
tSSPIDM
SPIxSELy
(OUTPUT)
SPIxSCK
(OUTPUT)
SPIxMOSI
(OUTPUT)
SPIxMISO
(INPUT)
SPIxMOSI
(OUTPUT)
SPIxMISO
(INPUT)
CPHA = 1
CPHA = 0
tDDSPIDM
tHSPIDM
tSSPIDM
tHDSPIDM
tDDSPIDM


Similar Part No. - ADSP-BF533SBBZ500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. H
More results

Similar Description - ADSP-BF533SBBZ500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com