Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533SBB500 Datasheet(PDF) 25 Page - Analog Devices

Part No. ADSP-BF533SBB500
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBB500 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADSP-BF533SBB500 Datasheet HTML 21Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 22Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 23Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 24Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 25Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 26Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 27Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 28Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
ADSP-BF531/ADSP-BF532/ADSP-BF533
Rev. I
|
Page 25 of 64
|
August 2013
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed in Table 18 may cause perma-
nent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other condi-
tions greater than those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect device
reliability.
ESD SENSITIVITY
Table 18. Absolute Maximum Ratings
Parameter
Rating
Internal (Core) Supply Voltage (VDDINT)
–0.3 V to +1.45 V
External (I/O) Supply Voltage (VDDEXT)–0.5 V to +3.8 V
Input Voltage1, 2
1 Applies to 100% transient duty cycle. For other duty cycles see Table 19.
2 Applies only when VDDEXT is within specifications. When VDDEXT is outside speci-
fications, the range is VDDEXT  0.2 V.
–0.5 V to +3.8 V
Output Voltage Swing
–0.5 V to VDDEXT + 0.5 V
Storage Temperature Range
–65°C to +150°C
Junction Temperature While Biased
125°C
Table 19. Maximum Duty Cycle for Input Transient Voltage1
1 Applies to all signal pins with the exception of CLKIN, XTAL, VROUT1–0.
VIN Min (V)
2
VIN Max (V)
2
2 The individual values cannot be combined for analysis of a single instance of
overshoot or undershoot. The worst case observed value must fall within one of
the voltages specified and the total duration of the overshoot or undershoot
(exceeding the 100% case) must be less than or equal to the corresponding
duty cycle.
Maximum Duty Cycle
3
3 Duty cycle refers to the percentage of time the signal exceeds the value for the
100% case. This is equivalent to the measured duration of a single instance of
overshoot or undershoot as a percentage of the period of occurrence.
–0.50
+3.80
100%
–0.70
+4.00
40%
–0.80
+4.10
25%
–0.90
+4.20
15%
–1.00
+4.30
10%
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary protection circuitry, damage
may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to
avoid performance degradation or loss of functionality.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn