Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533SBB500 Datasheet(PDF) 24 Page - Analog Devices

Part No. ADSP-BF533SBB500
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBB500 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADSP-BF533SBB500 Datasheet HTML 20Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 21Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 22Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 23Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 24Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 25Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 26Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 27Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
Rev. I
|
Page 24 of 64
|
August 2013
ADSP-BF531/ADSP-BF532/ADSP-BF533
Table 16. Activity Scaling Factors
IDDINT Power Vector
1
Activity Scaling Factor (ASF)
2
IDD-PEAK
1.27
IDD-HIGH
1.25
IDD-TYP
1.00
IDD-APP
0.86
IDD-NOP
0.72
IDD-IDLE
0.41
1 See EE-229 for power vector definitions.
2 All ASF values determined using a 10:1 CCLK:SCLK ratio.
Table 17. Dynamic Current (mA, with ASF = 1.0)1
Voltage (VDDINT)
2
Frequency
(MHz)
2
0.80 V 0.85 V 0.90 V 0.95 V 1.00 V 1.05 V 1.10 V 1.15 V 1.20 V 1.25 V 1.30 V 1.32 V 1.375 V
1.43 V 1.45 V
50
12.7
13.9
15.3
16.8
18.1
19.4
21.0
22.3
24.0
25.4
26.4
27.2
28.7
30.3
30.7
100
22.6
24.2
26.2
28.1
30.1
31.8
34.7
36.2
38.4
40.5
43.0
43.4
45.7
47.9
48.9
200
40.8
44.1
46.9
50.3
53.3
56.9
59.9
63.1
66.7
70.2
73.8
75.0
78.7
82.4
84.6
250
50.1
53.8
57.2
61.4
64.7
68.9
72.9
76.8
81.0
85.1
89.3
90.8
95.2
99.6
102.0
300
N/A
63.5
67.4
72.4
76.2
81.0
85.9
90.6
95.2
100.0
104.8
106.6
111.8
116.9
119.4
375
N/A
N/A
N/A
88.6
93.5
99.0
104.6
110.3
116.0
122.1
128.0
130.0
136.2
142.4
145.5
400
N/A
N/A
N/A
93.9
99.3
105.0
110.8
116.8
123.0
129.4
135.7
137.9
144.6
151.2
154.3
425
N/A
N/A
N/A
N/A
N/A
111.0
117.3
123.5
129.9
136.8
143.2
145.6
152.6
159.7
162.8
475
N/A
N/A
N/A
N/A
N/A
N/A
130.3
136.8
143.8
151.4
158.1
161.1
168.9
176.6
179.7
500
N/A
N/A
N/A
N/A
N/A
N/A
N/A
143.5
150.7
158.7
165.6
168.8
177.0
185.2
188.2
533
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
160.4
168.8
176.5
179.6
188.2
196.8
200.5
600
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
196.2
199.6
209.3
219.0
222.6
1 The values are not guaranteed as stand-alone maximum specifications, they must be combined with static current per the equations of Electrical Characteristics on Page 22.
2 Valid temperature and voltage ranges are model-specific. See Operating Conditions on Page 20.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn