Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533SBB500 Datasheet(PDF) 21 Page - Analog Devices

Part No. ADSP-BF533SBB500
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBB500 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-BF533SBB500 Datasheet HTML 17Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 18Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 19Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 20Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 21Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 22Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 23Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 24Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
ADSP-BF531/ADSP-BF532/ADSP-BF533
Rev. I
|
Page 21 of 64
|
August 2013
The following three tables describe the voltage/frequency
requirements for the processor clocks. Take care in selecting
MSEL, SSEL, and CSEL ratios so as not to exceed the maximum
core clock (Table 10 and Table 11) and system clock (Table 13)
specifications. Table 12 describes phase-locked loop operating
conditions.
Table 10. Core Clock (CCLK) Requirements—500 MHz, 533 MHz, and 600 MHz Models
Parameter
Internal Regulator Setting
Max
Unit
fCCLK
CCLK Frequency (VDDINT = 1.3 V Minimum)
1
1.30 V
600
MHz
fCCLK
CCLK Frequency (VDDINT = 1.2 V Minimum)
2
1.25 V
533
MHz
fCCLK
CCLK Frequency (VDDINT = 1.14 V Minimum)
3
1.20 V
500
MHz
fCCLK
CCLK Frequency (VDDINT = 1.045 V Minimum) 1.10 V
444
MHz
fCCLK
CCLK Frequency (VDDINT = 0.95 V Minimum)
1.00 V
400
MHz
fCCLK
CCLK Frequency (VDDINT = 0.85 V Minimum)
0.90 V
333
MHz
fCCLK
CCLK Frequency (VDDINT = 0.8 V Minimum)
0.85 V
250
MHz
1 Applies to 600 MHz models only. See Ordering Guide on Page 63.
2 Applies to 533 MHz and 600 MHz models only. See Ordering Guide on Page 63. 533 MHz models cannot support internal regulator levels above 1.25 V.
3 Applies to 500 MHz, 533 MHz, and 600 MHz models. See Ordering Guide on Page 63. 500 MHz models cannot support internal regulator levels above 1.20 V.
Table 11. Core Clock (CCLK) Requirements—400 MHz Models1
Parameter
TJ = 125°C
All2 Other TJ
Unit
Internal Regulator Setting
Max
Max
fCCLK
CCLK Frequency (VDDINT = 1.14 V Minimum) 1.20 V
400
400
MHz
fCCLK
CCLK Frequency (VDDINT = 1.045 V Minimum) 1.10 V
333
364
MHz
fCCLK
CCLK Frequency (VDDINT = 0.95 V Minimum) 1.00 V
295
333
MHz
fCCLK
CCLK Frequency (VDDINT = 0.85 V Minimum) 0.90 V
280
MHz
fCCLK
CCLK Frequency (VDDINT = 0.8 V Minimum)
0.85 V
250
MHz
1 See Ordering Guide on Page 63.
2 See Operating Conditions on Page 20.
Table 12. Phase-Locked Loop Operating Conditions
Parameter
Min
Max
Unit
fVCO
Voltage Controlled Oscillator (VCO) Frequency
50
Max fCCLK
MHz
Table 13. System Clock (SCLK) Requirements
VDDEXT = 1.8 V
VDDEXT = 2.5 V/3.3 V
Parameter
1
Max
Max
Unit
CSP_BGA/PBGA
fSCLK
CLKOUT/SCLK Frequency (VDDINT  1.14 V)
100
133
MHz
fSCLK
CLKOUT/SCLK Frequency (VDDINT  1.14 V)
100
100
MHz
LQFP
fSCLK
CLKOUT/SCLK Frequency (VDDINT  1.14 V)
100
133
MHz
fSCLK
CLKOUT/SCLK Frequency (VDDINT  1.14 V)
83
83
MHz
1 tSCLK (= 1/fSCLK) must be greater than or equal to tCCLK.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn