Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533SBB500 Datasheet(PDF) 45 Page - Analog Devices

Part No. ADSP-BF533SBB500
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBB500 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADSP-BF533SBB500 Datasheet HTML 41Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 42Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 43Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 44Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 45Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 46Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 47Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 48Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
ADSP-BF531/ADSP-BF532/ADSP-BF533
Rev. I
|
Page 45 of 64
|
August 2013
TEST CONDITIONS
All timing parameters appearing in this data sheet were mea-
sured under the conditions described in this section. Figure 45
shows the measurement point for ac measurements (except out-
put enable/disable). The measurement point VMEAS is 0.95 V for
VDDEXT (nominal) = 1.8 V or 1.5 V for VDDEXT (nominal) = 2.5 V/
3.3 V.
Output Enable Time Measurement
Output pins are considered to be enabled when they have made
a transition from a high impedance state to the point when they
start driving.
The output enable time tENA is the interval from the point when
a reference signal reaches a high or low voltage level to the point
when the output starts driving as shown on the right side of
Figure 46.
The time tENA_MEASURED is the interval, from when the reference
signal switches, to when the output voltage reaches VTRIP(high)
or VTRIP (low).
For VDDEXT (nominal) = 1.8 V—VTRIP (high) is 1.3 V and VTRIP
(low) is 0.7 V.
For VDDEXT (nominal) = 2.5 V/3.3 V—VTRIP (high) is 2.0 V and
VTRIP (low) is 1.0 V.
Time tTRIP is the interval from when the output starts driving to
when the output reaches the VTRIP (high) or VTRIP (low) trip
voltage.
Time tENA is calculated as shown in the equation:
If multiple pins (such as the data bus) are enabled, the measure-
ment value is that of the first pin to start driving.
Output Disable Time Measurement
Output pins are considered to be disabled when they stop driv-
ing, go into a high impedance state, and start to decay from their
output high or low voltage. The output disable time tDIS is the
difference between tDIS_MEASURED and tDECAY as shown on the left
side of Figure 45.
The time for the voltage on the bus to decay by V is dependent
on the capacitive load CL and the load current II. This decay time
can be approximated by the equation:
The time tDECAY is calculated with test loads CL and IL, and with
V equal to 0.1 V for V
DDEXT (nominal) = 1.8 V or 0.5 V for
VDDEXT (nominal) = 2.5 V/3.3 V.
The time tDIS_MEASURED is the interval from when the reference
signal switches, to when the output voltage decays V from the
measured output high or output low voltage.
Example System Hold Time Calculation
To determine the data output hold time in a particular system,
first calculate tDECAY using the equation given above. Choose V
to be the difference between the processor’s output voltage and
the input threshold for the device requiring the hold time. CL is
the total bus capacitance (per data line), and IL is the total leak-
age or three-state current (per data line). The hold time is tDECAY
plus the various output disable times as specified in the Timing
Specifications on Page 27 (for example tDSDAT for an SDRAM
write cycle as shown in SDRAM Interface Timing on Page 30).
Figure 45. Voltage Reference Levels for AC
Measurements (Except Output Enable/Disable)
INPUT
OR
OUTPUT
VMEAS
VMEAS
tENA
tENA_MEASURED tTRIP
=
tDIS
tDIS_MEASURED tDECAY
=
tDECAY
CL V
 I
L
=
Figure 46. Output Enable/Disable
REFERENCE
SIGNAL
tDIS
OUTPUT STARTS DRIVING
VOH (MEASURED)
V
VOL (MEASURED) + V
tDIS_MEASURED
VOH
(MEASURED)
VOL
(MEASURED)
VTRIP(HIGH)
VOH(MEASURED)
VOL(MEASURED)
HIGH IMPEDANCE STATE
OUTPUT STOPS DRIVING
tENA
tDECAY
tENA_MEASURED
tTRIP
VTRIP(LOW)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn