Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533SBB500 Datasheet(PDF) 42 Page - Analog Devices

Part No. ADSP-BF533SBB500
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBB500 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADSP-BF533SBB500 Datasheet HTML 38Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 39Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 40Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 41Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 42Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 43Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 44Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 45Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Rev. I
|
Page 42 of 64
|
August 2013
ADSP-BF531/ADSP-BF532/ADSP-BF533
JTAG Test and Emulation Port Timing
Table 37. JTAG Port Timing
VDDEXT = 1.8 V
VDDEXT = 2.5 V/3.3 V
Parameter
Min
Max
Min
Max
Unit
Timing Requirements
tTCK
TCK Period
20
20
ns
tSTAP
TDI, TMS Setup Before TCK High
4
4
ns
tHTAP
TDI, TMS Hold After TCK High
4
4
ns
tSSYS
System Inputs Setup Before TCK High
1
1 System Inputs = DATA15–0, ARDY, TMR2–0, PF15–0, PPI_CLK, RSCLK0–1, RFS0–1, DR0PRI, DR0SEC, TSCLK0–1, TFS0–1, DR1PRI, DR1SEC, MOSI, MISO, SCK, RX,
RESET, NMI, BMODE1–0, BR, PPI3–0.
44
ns
tHSYS
System Inputs Hold After TCK High
1
55
ns
tTRSTW
TRST Pulse Width2 (Measured in TCK Cycles)
2 50 MHz maximum.
44
TCK
Switching Characteristics
tDTDO
TDO Delay from TCK Low
10
10
ns
tDSYS
System Outputs Delay After TCK Low
3
3 System Outputs = DATA15–0, ADDR19–1, ABE1–0, AOE, ARE, AWE, AMS3–0, SRAS, SCAS, SWE, SCKE, CLKOUT, SA10, SMS, TMR2–0, PF15–0, RSCLK0–1, RFS0–1,
TSCLK0–1, TFS0–1, DT0PRI, DT0SEC, DT1PRI, DT1SEC, MOSI, MISO, SCK, TX, BG, BGH, PPI3–0.
0120
12
ns
Figure 32. JTAG Port Timing
TCK
TMS
TDI
TDO
SYSTEM
INPUTS
SYSTEM
OUTPUTS
tTCK
tSTAP
tHTAP
tDTDO
tSSYS
tHSYS
tDSYS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn