Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF533SBB500 Datasheet(PDF) 41 Page - Analog Devices

Part # ADSP-BF533SBB500
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBB500 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADSP-BF533SBB500 Datasheet HTML 37Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 38Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 39Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 40Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 41Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 42Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 43Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 44Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
ADSP-BF531/ADSP-BF532/ADSP-BF533
Rev. I
|
Page 41 of 64
|
August 2013
Timer Clock Timing
Table 35 and Figure 30 describe timer clock timing.
Timer Cycle Timing
Table 36 and Figure 31 describe timer expired operations. The
input signal is asynchronous in width capture mode and exter-
nal clock mode and has an absolute maximum input frequency
of fSCLK/2 MHz.
Table 35. Timer Clock Timing
Parameter
Min
Max
Unit
Switching Characteristic
tTODP
Timer Output Update Delay After PPI_CLK High
12
ns
Figure 30. Timer Clock Timing
PPI_CLK
TMRx OUTPUT
tTODP
Table 36. Timer Cycle Timing
VDDEXT = 1.8 V
VDDEXT = 2.5 V/3.3 V
Parameter
Min
Max
Min
Max
Unit
Timing Characteristics
tWL Timer Pulse Width Low
1
1 × tSCLK
1 × tSCLK
ns
tWH Timer Pulse Width High
1
1 × tSCLK
1 × tSCLK
ns
tTIS Timer Input Setup Time Before CLKOUT Low
2
8.0
6.5
ns
tTIH Timer Input Hold Time After CLKOUT Low
2
1.5
1.5
ns
Switching Characteristics
tHTO Timer Pulse Width Output
1 × tSCLK
(2
32–1) × t
SCLK
1 × tSCLK
(2
32–1) × t
SCLK
ns
tTOD Timer Output Update Delay After CLKOUT High
7.5
6.5
ns
1 The minimum pulse widths apply for TMRx input pins in width capture and external clock modes. They also apply to the PF1 or PPI_CLK input pins in PWM output mode.
2 Either a valid setup and hold time or a valid pulse width is sufficient. There is no need to resynchronize programmable flag inputs.
Figure 31. Timer PWM_OUT Cycle Timing
CLKOUT
TMRx OUTPUT
TMRx INPUT
tTIS
tTIH
tWH,tWL
tTOD
tHTO


Similar Part No. - ADSP-BF533SBB500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBB500 AD-ADSP-BF533SBB500 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
ADSP-BF533SBB500 AD-ADSP-BF533SBB500 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF533SBB500 AD-ADSP-BF533SBB500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. H
More results

Similar Description - ADSP-BF533SBB500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com