Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533SBB500 Datasheet(PDF) 32 Page - Analog Devices

Part No. ADSP-BF533SBB500
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBB500 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADSP-BF533SBB500 Datasheet HTML 28Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 29Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 30Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 31Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 32Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 33Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 34Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 35Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Rev. I
|
Page 32 of 64
|
August 2013
ADSP-BF531/ADSP-BF532/ADSP-BF533
Parallel Peripheral Interface Timing
Table 27 and Figure 17 through Figure 22 describe parallel
peripheral interface operations.
Table 27. Parallel Peripheral Interface Timing
VDDEXT = 1.8 V
LQFP/PBGA Packages
VDDEXT = 1.8 V
CSP_BGA Package
VDDEXT = 2.5 V/3.3 V
All Packages
Parameter
Min
Max
Min
Max
Min
Max
Unit
Timing Requirements
tPCLKW PPI_CLK Width
8.0
8.0
6.0
ns
tPCLK
PPI_CLK Period1
20.0
20.0
15.0
ns
tSFSPE
External Frame Sync Setup Before PPI_CLK Edge
(Nonsampling Edge for Rx, Sampling Edge for Tx)
6.0
6.0
4.0
2
ns
ns
tHFSPE
External Frame Sync Hold After PPI_CLK
1.02
1.02
1.02
ns
tSDRPE
Receive Data Setup Before PPI_CLK
3.5
3.5
3.5
ns
tHDRPE Receive Data Hold After PPI_CLK
1.5
1.5
1.5
ns
Switching Characteristics—GP Output and Frame Capture Modes
tDFSPE
Internal Frame Sync Delay After PPI_CLK
11.0
8.0
8.0
ns
tHOFSPE Internal Frame Sync Hold After PPI_CLK
1.7
1.7
1.7
ns
tDDTPE Transmit Data Delay After PPI_CLK
11.0
9.0
9.0
ns
tHDTPE Transmit Data Hold After PPI_CLK
1.8
1.8
1.8
ns
1 PPI_CLK frequency cannot exceed f
SCLK/2.
2 Applies when PPI_CONTROL Bit 8 is cleared. See Figure 19 and Figure 22.
Figure 17. PPI GP Rx Mode with Internal Frame Sync Timing
Figure 18. PPI GP Rx Mode with External Frame Sync Timing (PPI_CONTROL Bit 8 = 1)
tHDRPE
tSDRPE
tHOFSPE
FRAME SYNC
DRIVEN
DATA
SAMPLED
PPI_DATA
PPI_CLK
PPI_FS1/2
tDFSPE
tPCLK
tPCLKW
tPCLK
tSFSPE
DATA SAMPLED /
FRAME SYNC SAMPLED
DATA SAMPLED /
FRAME SYNC SAMPLED
PPI_DATA
PPI_CLK
PPI_FS1/2
tHFSPE
tHDRPE
tSDRPE
tPCLKW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn