Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533SBB500 Datasheet(PDF) 30 Page - Analog Devices

Part No. ADSP-BF533SBB500
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBB500 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADSP-BF533SBB500 Datasheet HTML 26Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 27Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 28Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 29Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 30Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 31Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 32Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 33Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Rev. I
|
Page 30 of 64
|
August 2013
ADSP-BF531/ADSP-BF532/ADSP-BF533
SDRAM Interface Timing
Table 25. SDRAM Interface Timing1
1 SDRAM timing for TJ > 105°C is limited to 100 MHz.
VDDEXT = 1.8 V
VDDEXT = 2.5 V/3.3 V
Parameter
Min
Max
Min
Max
Unit
Timing Requirements
tSSDAT
DATA Setup Before CLKOUT
2.1
1.5
ns
tHSDAT
DATA Hold After CLKOUT
0.8
0.8
ns
Switching Characteristics
tDCAD
Command, ADDR, Data Delay After CLKOUT
2
2 Command pins include: SRAS, SCAS, SWE, SDQM, SMS, SA10, SCKE.
6.0
4.0
ns
tHCAD
Command, ADDR, Data Hold After CLKOUT
2
1.0
1.0
ns
tDSDAT
Data Disable After CLKOUT
6.0
4.0
ns
tENSDAT
Data Enable After CLKOUT
1.0
1.0
ns
tSCLK
CLKOUT Period3
3 Refer to Table 13 on Page 21 for maximum fSCLK at various VDDINT.
10.0
7.5
ns
tSCLKH
CLKOUT Width High
2.5
2.5
ns
tSCLKL
CLKOUT Width Low
2.5
2.5
ns
Figure 15. SDRAM Interface Timing
tSCLK
CLKOUT
tSCLKL
tSCLKH
tSSDAT
tHSDAT
tENSDAT
tDCAD
tDSDAT
tHCAD
tDCAD
tHCAD
DATA (IN)
DATA (OUT)
COMMAND,
ADDRESS
(OUT)
NOTE: COMMAND =
SRAS, SCAS, SWE, SDQM, SMS, SA10, SCKE.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn