Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533SBB500 Datasheet(PDF) 28 Page - Analog Devices

Part No. ADSP-BF533SBB500
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBB500 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADSP-BF533SBB500 Datasheet HTML 24Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 25Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 26Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 27Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 28Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 29Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 30Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 31Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
Rev. I
|
Page 28 of 64
|
August 2013
ADSP-BF531/ADSP-BF532/ADSP-BF533
Asynchronous Memory Read Cycle Timing
Table 23. Asynchronous Memory Read Cycle Timing
VDDEXT = 1.8 V
VDDEXT = 2.5 V/3.3 V
Parameter
Min
Max
Min
Max
Unit
Timing Requirements
tSDAT
DATA15 – 0 Setup Before CLKOUT
2.1
2.1
ns
tHDAT
DATA15 – 0 Hold After CLKOUT
1.0
0.8
ns
tSARDY
ARDY Setup Before CLKOUT
4.0
4.0
ns
tHARDY
ARDY Hold After CLKOUT
1.0
0.0
ns
Switching Characteristics
tDO
Output Delay After CLKOUT1
1 Output pins include AMS3–0, ABE1–0, ADDR19–1, DATA15–0, AOE, ARE.
6.0
6.0
ns
tHO
Output Hold After CLKOUT 1
1.0
0.8
ns
Figure 13. Asynchronous Memory Read Cycle Timing
tSARDY
tHARDY
tSARDY
tHARDY
SETUP
2 CYCLES
PROGRAMMED READ
ACCESS 4 CYCLES
ACCESS EXTENDED
3 CYCLES
HOLD
1 CYCLE
tDO
tHO
tDO
tSDAT
tHDAT
CLKOUT
AMSx
ABE1–0
ADDR19–1
AOE
ARE
ARDY
DATA 15–0
tHO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn