Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF533 Datasheet(PDF) 5 Page - Analog Devices

Part # ADSP-BF533
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533 Datasheet(HTML) 5 Page - Analog Devices

  ADSP-BF533 Datasheet HTML 1Page - Analog Devices ADSP-BF533 Datasheet HTML 2Page - Analog Devices ADSP-BF533 Datasheet HTML 3Page - Analog Devices ADSP-BF533 Datasheet HTML 4Page - Analog Devices ADSP-BF533 Datasheet HTML 5Page - Analog Devices ADSP-BF533 Datasheet HTML 6Page - Analog Devices ADSP-BF533 Datasheet HTML 7Page - Analog Devices ADSP-BF533 Datasheet HTML 8Page - Analog Devices ADSP-BF533 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
ADSP-BF531/ADSP-BF532/ADSP-BF533
Rev. I
|
Page 5 of 64
|
August 2013
The second on-chip memory block is the L1 data memory, con-
sisting of one or two banks of up to 32K bytes. The memory
banks are configurable, offering both cache and SRAM func-
tionality. This memory block is accessed at full processor speed.
The third memory block is a 4K byte scratchpad SRAM, which
runs at the same speed as the L1 memories, but is only accessible
as data SRAM and cannot be configured as cache memory.
External (Off-Chip) Memory
External memory is accessed via the external bus interface unit
(EBIU). This 16-bit interface provides a glueless connection to a
bank of synchronous DRAM (SDRAM) as well as up to four
banks of asynchronous memory devices including flash,
EPROM, ROM, SRAM, and memory mapped I/O devices.
The PC133-compliant SDRAM controller can be programmed
to interface to up to 128M bytes of SDRAM. The SDRAM con-
troller allows one row to be open for each internal SDRAM
bank, for up to four internal SDRAM banks, improving overall
system performance.
The asynchronous memory controller can be programmed to
control up to four banks of devices with very flexible timing
parameters for a wide variety of devices. Each bank occupies a
1M byte segment regardless of the size of the devices used, so
that these banks are only contiguous if each is fully populated
with 1M byte of memory.
I/O Memory Space
Blackfin processors do not define a separate I/O space. All
resources are mapped through the flat 32-bit address space.
On-chip I/O devices have their control registers mapped into
memory mapped registers (MMRs) at addresses near the top of
the 4G byte address space. These are separated into two smaller
blocks, one containing the control MMRs for all core functions,
and the other containing the registers needed for setup and con-
trol of the on-chip peripherals outside of the core. The MMRs
are accessible only in supervisor mode and appear as reserved
space to on-chip peripherals.
Booting
The ADSP-BF531/ADSP-BF532/ADSP-BF533 processors con-
tain a small boot kernel, which configures the appropriate
peripheral for booting. If the processors are configured to boot
from boot ROM memory space, the processor starts executing
from the on-chip boot ROM. For more information, see Boot-
ing Modes on Page 14.
Figure 2. Blackfin Processor Core
SEQUENCER
ALIGN
DECODE
LOOP BUFFER
16
16
8
88
8
40
40
A0
A1
BARREL
SHIFTER
DATAARITHMETIC UNIT
CONTROL
UNIT
R7.H
R6.H
R5.H
R4.H
R3.H
R2.H
R1.H
R0.H
R7.L
R6.L
R5.L
R4.L
R3.L
R2.L
R1.L
R0.L
ASTAT
40 40
32
32
32
32
32
32
32
LD0
LD1
SD
DAG0
DAG1
ADDRESS ARITHMETIC UNIT
I3
I2
I1
I0
L3
L2
L1
L0
B3
B2
B1
B0
M3
M2
M1
M0
SP
FP
P5
P4
P3
P2
P1
P0
DA1
DA0
32
32
32
PREG
RAB
32


Similar Part No. - ADSP-BF533

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533 AD-ADSP-BF533 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF533 AD-ADSP-BF533 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
ADSP-BF533 AD-ADSP-BF533 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF533 AD-ADSP-BF533 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF533SBB500 AD-ADSP-BF533SBB500 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
More results

Similar Description - ADSP-BF533

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com