Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533 Datasheet(PDF) 47 Page - Analog Devices

Part No. ADSP-BF533
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADSP-BF533 Datasheet(HTML) 47 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
ADSP-BF531/ADSP-BF532/ADSP-BF533
Rev. I
|
Page 47 of 64
|
August 2013
Figure 51. Typical Rise and Fall Times (10% to 90%) vs. Load Capacitance for
Driver B at VDDEXT = 1.75 V
Figure 52. Typical Rise and Fall Times (10% to 90%) vs. Load Capacitance for
Driver B at VDDEXT = 2.25 V
Figure 53. Typical Rise and Fall Times (10% to 90%) vs. Load Capacitance for
Driver B at VDDEXT = 3.65 V
RISE TIME
FALL TIME
LOAD CAPACITANCE (pF)
0
50
100
150
200
250
14
12
10
8
6
4
2
0
LOAD CAPACITANCE (pF)
RISE TIME
12
10
8
6
4
2
0
0
50
100
150
200
250
FALL TIME
LOAD CAPACITANCE (pF)
RISE TIME
10
9
8
7
6
5
4
3
2
1
0
0
50
100
150
200
250
FALL TIME
Figure 54. Typical Rise and Fall Times (10% to 90%) vs. Load Capacitance for
Driver C at VDDEXT = 1.75 V
Figure 55. Typical Rise and Fall Times (10% to 90%) vs. Load Capacitance for
Driver C at VDDEXT = 2.25 V
Figure 56. Typical Rise and Fall Times (10% to 90%) vs. Load Capacitance for
Driver C at VDDEXT = 3.65 V
RISE TIME
FALL TIME
LOAD CAPACITANCE (pF)
0
50
100
150
200
250
30
25
20
15
10
5
0
LOAD CAPACITANCE (pF)
RISE TIME
25
30
20
15
10
5
0
0
50
100
150
200
250
FALL TIME
LOAD CAPACITANCE (pF)
RISE TIME
20
18
16
14
12
10
8
6
4
2
0
0
50
100
150
200
250
FALL TIME


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn