Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533 Datasheet(PDF) 44 Page - Analog Devices

Part No. ADSP-BF533
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADSP-BF533 Datasheet(HTML) 44 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
Rev. I
|
Page 44 of 64
|
August 2013
ADSP-BF531/ADSP-BF532/ADSP-BF533
Figure 39. Drive Current C (VDDEXT = 2.5 V)
Figure 40. Drive Current C (VDDEXT = 1.8 V)
Figure 41. Drive Current C (VDDEXT = 3.3 V)
SOURCE VOLTAGE (V)
60
40
20
0
–20
–40
–60
0
0.5
1.0
1.5
2.0
2.5
3.0
V
OH
V
OL
V
DDEXT = 2.25V
V
DDEXT = 2.50V
V
DDEXT = 2.75V
SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
30
20
0
20
30
40
V
DDEXT = 1.9V
V
DDEXT = 1.8V
V
DDEXT = 1.7V
10
10
60
80
100
40
20
0
–20
–40
–60
–80
–100
V
OH
V
DDEXT = 2.95V
V
DDEXT = 3.30V
V
DDEXT = 3.65V
V
OL
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
SOURCE VOLTAGE (V)
Figure 42. Drive Current D (VDDEXT = 2.5 V)
Figure 43. Drive Current D (VDDEXT = 1.8 V)
Figure 44. Drive Current D (VDDEXT = 3.3 V)
SOURCE VOLTAGE (V)
100
60
–60
20
–20
0
–40
40
–80
80
–100
0
0.5
1.0
1.5
2.0
2.5
3.0
V
OH
V
OL
V
DDEXT = 2.25V
V
DDEXT = 2.50V
V
DDEXT = 2.75V
SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
60
40
20
0
20
40
60
V
DDEXT = 1.9V
V
DDEXT = 1.8V
V
DDEXT = 1.7V
150
100
50
0
–50
–100
–150
V
OH
V
OL
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
SOURCE VOLTAGE (V)
V
DDEXT = 2.95V
V
DDEXT = 3.30V
V
DDEXT = 3.65V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn